Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CP02 Datasheet (PDF) - Texas Instruments

DS90CP02 Datasheet PDF - Texas Instruments
Part # DS90CP02
Download  DS90CP02 Download
File Size   347.43 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch

DS90CP02 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CP02 Datasheet PDF - Texas Instruments

Part # DS90CP02
Download  DS90CP02 Click to download

File Size   347.43 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch

DS90CP02 Datasheet (HTML) - Texas Instruments


DS90CP02 Product details

1FEATURES
2• 1.5 Gbps per Channel
• Low Power: 70 mA in Dual Repeater Mode
@1.5 Gbps
• Low Output Jitter
• Non-Blocking Architecture Allows 1:2 Splitter,
2:1 Mux, Crossover, and Dual Buffer
Configurations
• Flow-Through Pinout
• LVDS/BLVDS/CML/LVPECL Inputs, LVDS
Outputs
• Single 3.3V Supply
• Separate Control of Inputs and Outputs Allows
for Power Savings
• Industrial -40 to +85°C Temperature Range
• 28-lead UQFN-28 Space Saving Package

DESCRIPTION
The DS90CP02 is a 1.5 Gbps 2 x 2 LVDS crosspoint
switch optimized for high-speed signal routing and
switching over lossy FR-4 printed circuit board
backplanes and balanced cables. Fully differential
signal paths ensure exceptional signal integrity and
noise immunity. The non-blocking architecture allows
connections of any input to any output or outputs.
Wide input common mode range allows the switch to
accept signals with LVDS, CML and LVPECL levels;
the output levels are LVDS. A very small package footprint requires a minimal space on the board while
the flow-through pinout allows easy board layout. The
3.3V supply, CMOS process, and LVDS I/O ensure
high performance at low power over the entire
industrial -40 to +85°C temperature range.




Similar Part No. - DS90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
818Kb / 15P
DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02SP/NOPB TI1-DS90CP02SP/NOPB Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02SPNOPB TI1-DS90CP02SPNOPB Datasheet
818Kb / 15P
DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Similar Description - DS90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com