Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-AMNFB Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-AMNFB Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-AMNFB
Download  AXA-AMNFB Download
File Size   26.94 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,NMO/TAD TO N-FEMALE

AXA-AMNFB Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-AMNFB Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-AMNFB
Download  AXA-AMNFB Click to download

File Size   26.94 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,NMO/TAD TO N-FEMALE

AXA-AMNFB Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-AMNFB Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 11 GHz
VOLTAGE RATING: 1500 VOLTS PEAK
WITHSTAND VOLTAGE: 2500V RMS.
INSERTION LOSS: .15 dB MAX.

MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031




Similar Part No. - AXA-AMNFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-BFNM90 L-COM-AXA-BFNM90 Datasheet
48Kb / 1P
ADP,BNC-FEMALE/N-MALE R/A
6/29/10
AXA-DFDF L-COM-AXA-DFDF Datasheet
63Kb / 1P
7/16 DIN FEMALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
AXA-DMDM L-COM-AXA-DMDM Datasheet
71Kb / 1P
7/16 DIN MALE TO 7/16 DIN MALE ADAPTOR
06/27/13
AXA-FMEJFMEJ L-COM-AXA-FMEJFMEJ Datasheet
120Kb / 1P
ADP,FME JACK / JACK
11/10/10
AXA-FMEPFMEP L-COM-AXA-FMEPFMEP Datasheet
117Kb / 1P
ADP,FME PLUG / PLUG
11/10/10
More results


Similar Description - AXA-AMNFB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-2 PASTERNACK-PE51022-2 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA FEMALE, RG58
PE51022-4 PASTERNACK-PE51022-4 Datasheet
231Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO N FEMALE, RG58
PE51022-5 PASTERNACK-PE51022-5 Datasheet
234Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO FME FEMALE, RG58
PE51022-7 PASTERNACK-PE51022-7 Datasheet
234Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO BNC FEMALE, RG58
PE51022-9 PASTERNACK-PE51022-9 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC FEMALE, RG58
PE37845 PASTERNACK-PE37845 Datasheet
135Kb / 1P
ANTENNA MOUNT(NMO)CABLE ASSEMBLY NMO MOUNT TO BNC FEMALE, 1GHz RG58
PE37843 PASTERNACK-PE37843 Datasheet
134Kb / 1P
ANTENNAL MOUNT (NMO) CABLE ASSEMBLY, NMO MOUNT TO FME FEMALE 1GHz RG58
PE37851 PASTERNACK-PE37851 Datasheet
133Kb / 1P
ANTENNA MOUNT(NMO) CABLE ASSEMBLY NMO MOUNT TO N FEMALE 1GHz RG58
PE37841 PASTERNACK-PE37841 Datasheet
135Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MOUNT TO SMA FEMALE, 1GHz, RG58
logo
Pulse A Technitrol Comp...
NMOTEST1 PULSE-NMOTEST1 Datasheet
687Kb / 4P
NMO to UHF Female adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com