Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91M047 Datasheet (PDF) - Texas Instruments

DS91M047 Datasheet PDF - Texas Instruments
Part # DS91M047
Download  DS91M047 Download
File Size   427.78 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M047 125 MHz Quad M-LVDS Line Driver

DS91M047 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS91M047 Datasheet PDF - Texas Instruments

Part # DS91M047
Download  DS91M047 Click to download

File Size   427.78 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M047 125 MHz Quad M-LVDS Line Driver

DS91M047 Datasheet (HTML) - Texas Instruments


DS91M047 Product details

1FEATURES
2• DC - 125 MHz / 250 Mbps Low Jitter, Low
Skew, Low Power Operation
• Conforms to TIA/EIA-899 M-LVDS Standard
• Controlled Transition Times (2 ns typ)
Minimize Reflections
• 8 kV ESD on M-LVDS Pins Protects Adjoining
Components
• Flow-Through Pinout Simplifies PCB Layout
Industrial Operating Temperature Range
(−40°C to +85°C)
• Available in a Space Saving SOIC-16 Package

APPLICATIONS
• Multidrop / Multipoint Clock and Data
Distribution
• High-Speed, Low Power, Short-Reach
Alternative to TIA/EIA-485/422
• Clock Distribution in AdvancedTCA (ATCA)
and MicroTCA (μTCA, uTCA) Backplanes

DESCRIPTION
The DS91M047 is a high-speed quad M-LVDS line
driver designed for driving clock or data signals to up
to four multipoint networks.
M-LVDS (Multipoint LVDS) is a new family of bus
interface devices based on LVDS technology specifically designed for multipoint and multidrop
cable and backplane applications. It differs from
standard LVDS in providing increased drive current to
handle double terminations that are required in multi•
point applications. Controlled transition times minimize reflections that are common in multipoint
configurations due to unterminated stubs.
The DS91M047 accepts LVTTL/LVCMOS input levels
and translates them to M-LVDS signal levels with transition times of greater than 1 ns. The device
provides the DE and DE inputs that are ANDed
together and control the TRI-STATE outputs. The DE
and DE inputs are common to all four drivers.
The DS91M047 has a flow-through pinout for easy
PCB layout. The DS91M047 provides a new
alternative for high speed multipoint interface
applications. It is packaged in a space saving SOIC-
16 package.




Similar Part No. - DS91M047

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS91M047 TI1-DS91M047 Datasheet
863Kb / 16P
125 MHz Quad M-LVDS Line Driver
DS91M047 TI1-DS91M047 Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
logo
National Semiconductor ...
DS91M047TMA NSC-DS91M047TMA Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS91M047TMA/NOPB TI1-DS91M047TMA/NOPB Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
More results


Similar Description - DS91M047

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
Quad LVDS Line Driver
Rev 0; 4/01
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
100 MHz M-LVDS Line Driver/Receiver Pair
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M047 TI1-DS91M047_14 Datasheet
863Kb / 16P
125 MHz Quad M-LVDS Line Driver
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
100 MHz M-LVDS Line Driver/Receiver Pair
DS91M040 TI1-DS91M040_16 Datasheet
1Mb / 20P
125 MHz Quad M-LVDS Transceiver
DS91M047 TI1-DS91M047_13 Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com