Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91M124 Datasheet (PDF) - Texas Instruments

DS91M124 Datasheet PDF - Texas Instruments
Part # DS91M124
Download  DS91M124 Download
File Size   425.12 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input

DS91M124 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS91M124 Datasheet PDF - Texas Instruments

Part # DS91M124
Download  DS91M124 Click to download

File Size   425.12 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input

DS91M124 Datasheet (HTML) - Texas Instruments


DS91M124 Product details

1FEATURES
2• DC - 125 MHz / 250 Mbps Low Jitter, Low
Skew, Low Power Operation
• Independent Driver Enable Pins
• Conforms to TIA/EIA-899 M-LVDS Standard
• Controlled Transition Times Minimize
Reflections
• 8 kV ESD on M-LVDS I/O Pins Protects
Adjoining Components
Flow-Through Pinout Simplifies PCB Layout
• Industrial Operating Temperature Range
(−40°C to +85°C)
• Available in a Space Saving SOIC-16 Package

APPLICATIONS
• Multidrop / Multipoint Clock and Data
Distribution
• High-Speed, Low Power, Short-Reach
Alternative to TIA/EIA-485/422
• Clock Distribution in AdvancedTCA (ATCA)
and MicroTCA (μTCA) Backplanes

DESCRIPTION
The DS91M124 is a 1:4 M-LVDS repeater for driving
and distributing clock or data signals to up to four
multipoint networks.
M-LVDS (Multipoint LVDS) is a new family of bus
interface devices based on LVDS technology
specifically designed for multipoint and multidrop
cable and backplane applications. It differs from
standard LVDS in providing increased drive current to
handle double terminations that are required in multi•
point applications. Controlled transition times minimize reflections that are common in multipoint
configurations due to unterminated stubs.
A single DS91M124 channel is a 1:4 repeater that
accepts LVTTL/LVCMOS signals at the driver inputs
and converts them to differential M-LVDS signal
levels. It features independent driver enable pins for
each driver output.
The DS91M124 has a flow-through pinout for easy
PCB layout. It provides a new alternative for high
speed multipoint interface applications. It is packaged
in a space saving SOIC-16 package.




Similar Part No. - DS91M124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M124 TI1-DS91M124 Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M124TMA/NOPB TI1-DS91M124TMA/NOPB Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M124TMAX/NOPB TI1-DS91M124TMAX/NOPB Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
More results


Similar Description - DS91M124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
1.5 Gbps 1:4 LVDS Repeater
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
50171 TI-50171 Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com