Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R421 Datasheet (PDF) - Texas Instruments

DS99R421 Datasheet PDF - Texas Instruments
Part # DS99R421
Download  DS99R421 Download
File Size   419.69 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DCBalanced) Converter

DS99R421 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS99R421 Datasheet PDF - Texas Instruments

Part # DS99R421
Download  DS99R421 Click to download

File Size   419.69 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DCBalanced) Converter

DS99R421 Datasheet (HTML) - Texas Instruments


DS99R421 Product details

1FEATURES
2• 5 MHz–43 MHz Embedded Clock & DCBalanced
Data Transmission (21 Total LVDS
Data Bits Plus 3 Low Speed LVCMOS Data
Bits)
• User Adjustable Pre-Emphasis Driving Ability
Through External Resistor on LVDS Outputs
and Capable to Drive up to 10 Meters Shielded
Twisted-Pair Cable
• Supports AC-Coupling Data Transmission
• 100Ω Integrated Termination Resistor at LVDS
Input
• Power-Down Control
• Available @SPEED BIST to DS90UR124 to
Validate Link Integrity
• All LVCMOS Inputs & Control Pins Have
Internal Pulldown
• Schmitt Trigger Inputs on OS[2:0] to Minimize
Metastable Conditions
• Outputs Tri-Stated Through DEN
• On-Chip Filters for PLLs
• Power Supply Range 3.3V ± 10%
• Automotive Temperature Range −40°C to
+105°C
• Greater Than 8kV ESD Tolerance
• Meets ISO 10605 ESD and AEC-Q100
Compliance

DESCRIPTION
The DS99R421 converts a FPD-Link input with 4
non-DC Balanced LVDS (3 LVDS Data + LVDS
Clock) plus 3 over-sampled low speed control bits
into a single LVDS DC-balanced serial stream with embedded clock information. This single serial stream
simplifies transferring the 24-bit bus over a single
differential pair of PCB traces and cable by
eliminating the skew problems between the 3 parallel
LVDS data inputs and LVDS clock paths. It saves
system cost by narrowing 4 LVDS pairs to 1 LVDS
pair that in turn reduce PCB layers, cable width,
connector size, and pins.
The DS99R421 incorporates a single serialized LVDS
signal on the high-speed I/O. Embedded clock LVDS
provides a low power and low noise environment for
reliably transferring data over a serial transmission
path. By optimizing the converter output edge rate for
the operating frequency range EMI is further reduced.
In addition the device features pre-emphasis to boost
signals over longer distances using lossy cables.
Internal DC balanced encoding is used to support
AC-Coupled interconnects.




Similar Part No. - DS99R421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R421 NSC-DS99R421 Datasheet
1,013Kb / 18P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
DS99R421 NSC-DS99R421 Datasheet
1,015Kb / 18P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
logo
Texas Instruments
DS99R421 TI1-DS99R421 Datasheet
865Kb / 27P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC DCBalanced)
DS99R421 TI1-DS99R421 Datasheet
867Kb / 26P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
DS99R421-Q1 TI1-DS99R421-Q1 Datasheet
867Kb / 26P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
More results


Similar Description - DS99R421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R421 NSC-DS99R421 Datasheet
1,013Kb / 18P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
DS99R421 NSC-DS99R421_08 Datasheet
1,015Kb / 18P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R421 TI1-DS99R421_14 Datasheet
865Kb / 27P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC DCBalanced)
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R421 TI1-DS99R421_15 Datasheet
867Kb / 26P
5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com