Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-NFNF Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-NFNF Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-NFNF
Download  AXA-NFNF Download
File Size   117.29 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP, N-FEMALE TO N-FEMALE

AXA-NFNF Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-NFNF Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-NFNF
Download  AXA-NFNF Click to download

File Size   117.29 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP, N-FEMALE TO N-FEMALE

AXA-NFNF Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-NFNF Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 11 GHz
VOLTAGE RATING: 1500 VOLTS PEAK
WITHSTAND VOLTAGE: 2500V RMS.
INSERTION LOSS: .15 dB MAX.

MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - AXA-NFNF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-NFNFB L-COM-AXA-NFNFB Datasheet
30Kb / 1P
N-Female to N-Female Bulkhead for 1/8" [3.25mm] Chasis
09/25/09
AXA-NFNFB2 L-COM-AXA-NFNFB2 Datasheet
102Kb / 1P
RF ADAPTER, N JACK-N JACK, 50 OHM RoHS : Compliant
AXA-NFNFB2 L-COM-AXA-NFNFB2 Datasheet
102Kb / 1P
N-Female to N-Female Bulkhead for 1/4” [6.35mm] Chasis
05/08/03
AXA-NFNFB2. L-COM-AXA-NFNFB2. Datasheet
102Kb / 1P
RF ADAPTER, N JACK-N JACK, 50 OHM RoHS : Compliant
More results


Similar Description - AXA-NFNF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9359 PASTERNACK-PE9359 Datasheet
241Kb / 2P
N Female to N Female Right Angle Adapter
logo
Amphenol Corporation
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
75 Ohm N Female to N Female Adapter
PE9428 PASTERNACK-PE9428 Datasheet
346Kb / 4P
Precision N Female to N Female Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91200 PASTERNACK-PE91200 Datasheet
354Kb / 3P
N Female to N Female Adapter IP67 Mated
PE91237 PASTERNACK-PE91237 Datasheet
372Kb / 3P
N Female to N Female Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com