Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXANFNFB Datasheet (PDF) - Infinite Electronics International, Inc.

AXANFNFB Datasheet PDF - Infinite Electronics International, Inc.
Part # AXANFNFB
Download  AXANFNFB Download
File Size   30.55 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-Female to N-Female Bulkhead for 1/8" [3.25mm] Chasis

AXANFNFB Datasheet (PDF)

Go To PDF Page Download Datasheet
AXANFNFB Datasheet PDF - Infinite Electronics International, Inc.

Part # AXANFNFB
Download  AXANFNFB Click to download

File Size   30.55 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-Female to N-Female Bulkhead for 1/8" [3.25mm] Chasis

AXANFNFB Datasheet (HTML) - Infinite Electronics International, Inc.


AXANFNFB Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~11 GHz
INSERTION LOSS: .15 dB Max.

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - AXANFNFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANFNFB2 L-COM-AXANFNFB2 Datasheet
102Kb / 1P
N-Female to N-Female Bulkhead for 1/4” [6.35mm] Chasis
05/08/03
More results


Similar Description - AXANFNFB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9128 PASTERNACK-PE9128 Datasheet
474Kb / 3P
Hermetically Sealed N Female to N Female Bulkhead Adapter
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
logo
Amphenol Corporation
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
PE91238 PASTERNACK-PE91238 Datasheet
363Kb / 3P
Bulkhead N Female to N Female Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com