Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC401RHUR Datasheet (PDF) - Texas Instruments

FPC401RHUR Datasheet PDF - Texas Instruments
Part # FPC401RHUR
Download  FPC401RHUR Download
File Size   333.93 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FPC401 Quad Port Controller

FPC401RHUR Datasheet (PDF)

Go To PDF Page Download Datasheet
FPC401RHUR Datasheet PDF - Texas Instruments

Part # FPC401RHUR
Download  FPC401RHUR Click to download

File Size   333.93 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FPC401 Quad Port Controller

FPC401RHUR Datasheet (HTML) - Texas Instruments


FPC401RHUR Product details

1 Features
1• Supports Control Signal Management and I2C
Aggregation Across Four Ports
• Combine Multiple FPC401s to Control 56 Total
Ports Through a Single Host Interface
• Eliminates Need for Discrete I2C Muxes, LED
Drivers, and High-Pin-Count FPGA/CPLD Control
Devices
• Reduces PCB Routing Complexity by Handling All
Low-Speed Control Signals Close to the Port
• Selectable I2C (Up to 1 MHz) or SPI (Up to 10
MHz) Host Control Interface
• Automatic Pre-Fetching of Critical, User-Specified
Data From the Modules
• Low Single-Port and Multi-Port Read/Write
Latency: <50 μs for SPI Mode, <400 μs for I2C
Mode
• Broadcast Mode Allows Writes to All Ports
Simultaneously Across All FPC401 Controllers
• Advanced LED Features for Port Status
Indication, Including Programmable Blinking and
Dimming
• Customizable Interrupt Events
• Separate Host-Side I/O Voltage: 1.8-V to 3.3-V
• Small QFN Package Enabling Placement on
Bottom Side of PCB Underneath Ports

2 Applications
• ToR/Aggregation/Core Switch and Router
SFP+/QSFP+ Port Control
• SAS External Cable Management Interface
Control
• Video Switch & Router SFP+/QSFP+ Port Control

3 Description
The FPC401 quad port controller serves as a lowspeed
signal aggregator for common port types such
as SFP+, QSFP+, and SAS. The FPC401 aggregates
all low-speed control and I2C signals across four
ports and presents a single easy-to-use management
interface to the host (I2C or SPI). Multiple FPC401s
can be used in high-port-count applications with one
common control interface to the host. The FPC401 is
designed to allow placement on the bottom side of
the PCB, underneath the press fit connector, to
simplify routing. This localized control of the ports’
low-speed signals cuts system BOM cost by enabling
the use of smaller IO count control devices (FPGAs,
CPLDs, MCUs) and by reducing routing layer
congestion.




Similar Part No. - FPC401RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPC401RHUR TI1-FPC401RHUR Datasheet
711Kb / 10P
FPC401 Quad Port Controller
More results


Similar Description - FPC401RHUR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
XFMRS Inc.
XF6612A-C4-4S XFMRS-XF6612A-C4-4S Datasheet
85Kb / 2P
QUAD PORT COMBO
XFATM2K-C4-4S XFMRS-XFATM2K-C4-4S Datasheet
129Kb / 2P
QUAD PORT COMBO
logo
Silicon Laboratories
SI3452 SILABS-SI3452 Datasheet
324Kb / 36P
QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
logo
XFMRS Inc.
XF6006Q5 XFMRS-XF6006Q5_15 Datasheet
95Kb / 1P
QUAD PORT
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
logo
XFMRS Inc.
XF0476-QCMC XFMRS-XF0476-QCMC Datasheet
46Kb / 1P
QUAD PORT
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
FPC401 Quad Port Controller
FPC402 TI1-FPC402 Datasheet
160Kb / 7P
Quad Port Controller
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com