Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA101AG Datasheet (PDF) - Texas Instruments

INA101AG Datasheet PDF - Texas Instruments
Part # INA101AG
Download  INA101AG Download
File Size   205.09 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Accuracy INSTRUMENTATION AMPLIFIER

INA101AG Datasheet (PDF)

Go To PDF Page Download Datasheet
INA101AG Datasheet PDF - Texas Instruments

Part # INA101AG
Download  INA101AG Click to download

File Size   205.09 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Accuracy INSTRUMENTATION AMPLIFIER

INA101AG Datasheet (HTML) - Texas Instruments


INA101AG Product details

FEATURES
LOW DRIFT: 0.25mV/°C max
LOW OFFSET VOLTAGE: 25mV max
LOW NONLINEARITY: 0.002%
LOW NOISE: 13nV/ÖHz
HIGH CMR: 106dB AT 60Hz
HIGH INPUT IMPEDANCE: 1010W
14-PIN PLASTIC, CERAMIC DIP,
SOL-16, AND TO-100 PACKAGES

APPLICATIONS
STRAIN GAGES
THERMOCOUPLES
RTDs
REMOTE TRANSDUCERS
LOW-LEVEL SIGNALS
MEDICAL INSTRUMENTATION

DESCRIPTION
The INA101 is a high accuracy instrumentation amplifier
designed for low-level signal amplification and
general purpose data acquisition. Three precision op
amps and laser-trimmed metal film resistors are integrated
on a single monolithic integrated circuit.
The INA101 is packaged in TO-100 metal, 14-pin
plastic and ceramic DIP, and SOL-16 surface-mount
packages. Commercial, industrial and military temperature
range models are available.




Similar Part No. - INA101AG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA101AG BURR-BROWN-INA101AG Datasheet
91Kb / 6P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101AG TI1-INA101AG Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA101AG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02 Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
High Accuracy INSTRUMENTATION AMPLIFIER
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
REV.A
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02EPZ AD-AMP02EPZ Datasheet
172Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
High Accuracy Instrumentation Amplifier
Rev. E
AD522 AD-AD522_17 Datasheet
483Kb / 5P
High Accuracy Data Acquisition Instrumentation Amplifier
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com