Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA115BU Datasheet (PDF) - Texas Instruments

INA115BU Datasheet PDF - Texas Instruments
Part # INA115BU
Download  INA115BU Download
File Size   291.44 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision INSTRUMENTATION AMPLIFIER

INA115BU Datasheet (PDF)

Go To PDF Page Download Datasheet
INA115BU Datasheet PDF - Texas Instruments

Part # INA115BU
Download  INA115BU Click to download

File Size   291.44 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision INSTRUMENTATION AMPLIFIER

INA115BU Datasheet (HTML) - Texas Instruments


INA115BU Product details

FEATURES
LOW OFFSET VOLTAGE: 50mV max
LOW DRIFT: 0.25mV/°C max
LOW INPUT BIAS CURRENT: 2nA max
HIGH COMMON-MODE REJECTION:
115dB min
INPUT OVER-VOLTAGE PROTECTION:
±40V
WIDE SUPPLY RANGE: ±2.25 TO ±18V
LOW QUIESCENT CURRENT: 3mA max
SOL-16 SURFACE-MOUNT PACKAGE

APPLICATIONS
SWITCHED-GAIN AMPLIFIER
BRIDGE AMPLIFIER
THERMOCOUPLE AMPLIFIER
RTD SENSOR AMPLIFIER
MEDICAL INSTRUMENTATION
DATA ACQUISITION

DESCRIPTION
The INA115 is a low cost, general purpose instrumentation
amplifier offering excellent accuracy. Its versatile
three-op amp design and small size make it ideal
for a wide range of applications. Similar to the model
INA114, the INA115 provides additional connections
to the input op amps, A1 and A2, which improve gain
accuracy in high gains and are useful in forming
switched-gain amplifiers.
A single external resistor sets any gain from 1 to
10,000. Internal input protection can withstand up to
±40V without damage.
The INA115 is laser trimmed for very low offset
voltage (50mV), drift (0.25mV/°C) and high commonmode
rejection (115dB at G=1000). It operates with
power supplies as low as ±2.25V, allowing use in
battery operated and single 5V supply systems. Quiescent
current is 3mA maximum.
The INA115 is available in the SOL-16 surface-mount
package, specified for the –40°C to +85°C temperature
range.




Similar Part No. - INA115BU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA115BU BURR-BROWN-INA115BU Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA115BU TI1-INA115BU Datasheet
730Kb / 16P
Precision INSTRUMENTATION AMPLIFIER
INA115BUG4 TI1-INA115BUG4 Datasheet
730Kb / 16P
Precision INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA115BU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com