Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA125 Datasheet (PDF) - Texas Instruments

INA125 Datasheet PDF - Texas Instruments
Part # INA125
Download  INA125 Download
File Size   341.21 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INSTRUMENTATION AMPLIFIER With Precision Voltage Reference

INA125 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA125 Datasheet PDF - Texas Instruments

Part # INA125
Download  INA125 Click to download

File Size   341.21 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INSTRUMENTATION AMPLIFIER With Precision Voltage Reference

INA125 Datasheet (HTML) - Texas Instruments


INA125 Product details

FEATURES
LOW QUIESCENT CURRENT: 460mA
PRECISION VOLTAGE REFERENCE:
1.24V, 2.5V, 5V or 10V
SLEEP MODE
LOW OFFSET VOLTAGE: 250mV max
LOW OFFSET DRIFT: 2mV/°C max
LOW INPUT BIAS CURRENT: 20nA max
HIGH CMR: 100dB min
LOW NOISE: 38nV/ÖHz at f = 1kHz
INPUT PROTECTION TO ±40V
WIDE SUPPLY RANGE
Single Supply: 2.7V to 36V
Dual Supply: ±1.35V to ±18V
16-PIN DIP AND SO-16 SOIC PACKAGES

APPLICATIONS
PRESSURE AND TEMPERATURE BRIDGE
AMPLIFIERS
INDUSTRIAL PROCESS CONTROL
FACTORY AUTOMATION
MULTI-CHANNEL DATA ACQUISITION
BATTERY OPERATED SYSTEMS
GENERAL PURPOSE INSTRUMENTATION

DESCRIPTION
The INA125 is a low power, high accuracy instrumentation
amplifier with a precision voltage reference. It
provides complete bridge excitation and precision differential-
input amplification on a single integrated
circuit.
A single external resistor sets any gain from 4 to
10,000. The INA125 is laser-trimmed for low offset
voltage (250mV), low offset drift (2mV/°C), and high
common-mode rejection (100dB at G = 100). It operates
on single (+2.7V to +36V) or dual (±1.35V to
±18V) supplies.
The voltage reference is externally adjustable with pinselectable
voltages of 2.5V, 5V, or 10V, allowing use
with a variety of transducers. The reference voltage is
accurate to ±0.5% (max) with ±35ppm/°C drift (max).
Sleep mode allows shutdown and duty cycle operation
to save power.
The INA125 is available in 16-pin plastic DIP and
SO-16 surface-mount packages and is specified for
the –40°C to +85°C industrial temperature range.




Similar Part No. - INA125

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
INA125P BURR-BROWN-INA125P Datasheet
273Kb / 13P
INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125P TI1-INA125P Datasheet
119Kb / 4P
INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
More results


Similar Description - INA125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
INA125 TI1-INA125 Datasheet
410Kb / 18P
INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com