Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA131 Datasheet (PDF) - Texas Instruments

INA131 Datasheet PDF - Texas Instruments
Part # INA131
Download  INA131 Download
File Size   222.04 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision G = 100 INSTRUMENTATION AMPLIFIER

INA131 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA131 Datasheet PDF - Texas Instruments

Part # INA131
Download  INA131 Click to download

File Size   222.04 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision G = 100 INSTRUMENTATION AMPLIFIER

INA131 Datasheet (HTML) - Texas Instruments


INA131 Product details

FEATURES
LOW OFFSET VOLTAGE: 50mV max
LOW DRIFT: 0.25mV/°C max
LOW INPUT BIAS CURRENT: 2nA max
HIGH COMMON-MODE REJECTION:
110dB min
INPUT OVERVOLTAGE PROTECTION:
±40V
WIDE SUPPLY RANGE: ±2.25 to ±18V
LOW QUIESCENT CURRENT: 3mA
8-PIN PLASTIC DIP

APPLICATIONS
BRIDGE AMPLIFIER
THERMOCOUPLE AMPLIFIER
RTD SENSOR AMPLIFIER
MEDICAL INSTRUMENTATION
DATA ACQUISITION

DESCRIPTION
The INA131 is a low cost, general purpose G = 100
instrumentation amplifier offering excellent accuracy.
Its 3-op amp design and small size make it ideal for
a wide range of applications.
On-chip laser trimmed resistors accurately set a fixed
gain of 100. The INA131 is laser trimmed to achieve
very low offset voltage (50mV max), drift (0.25mV/°C
max), and high CMR (110dB min). Internal input
protection can withstand up to ±40V inputs without
damage.
The INA131 is available in a 8-pin plastic DIP. They
are specified over the –40°C to +85°C temperature
range.




Similar Part No. - INA131

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA131 TI1-INA131 Datasheet
126Kb / 11P
Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131AP BURR-BROWN-INA131AP Datasheet
113Kb / 10P
Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA131AP TI1-INA131AP Datasheet
126Kb / 11P
Precision G = 100 INSTRUMENTATION AMPLIFIER
INA131APG4 TI1-INA131APG4 Datasheet
126Kb / 11P
Precision G = 100 INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA131

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
Precision G = 100 INSTRUMENTATION AMPLIFIER
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
Precision G = 100 INSTRUMENTATION AMPLIFIER
INA141 TI1-INA141 Datasheet
333Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com