Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA154U.A Datasheet (PDF) - Texas Instruments

INA154U.A Datasheet PDF - Texas Instruments
Part # INA154U.A
Download  INA154U.A Download
File Size   222.93 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)

INA154U.A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA154U.A Datasheet PDF - Texas Instruments

Part # INA154U.A
Download  INA154U.A Click to download

File Size   222.93 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)

INA154U.A Datasheet (HTML) - Texas Instruments


INA154U.A Product details

FEATURES
DESIGNED FOR LOW COST
LOW OFFSET VOLTAGE: ±750mV max
LOW OFFSET DRIFT: ±2mV°C
LOW GAIN ERROR: ±0.05% max
WIDE BANDWIDTH: 3MHz
HIGH SLEW RATE: 14V/ms
FAST SETTLING TIME: 3ms to 0.01%
WIDE SUPPLY RANGE: ±4V to ±18V
LOW QUIESCENT CURRENT: 2.4mA
SO-8 SURFACE-MOUNT PACKAGE

APPLICATIONS
DIFFERENTIAL INPUT AMPLIFIER
INSTRUMENTATION AMPLIFIER
BUILDING BLOCK
UNITY-GAIN INVERTING AMPLIFIER
SUMMING AMPLIFIER
DIFFERENTIAL CURRENT RECEIVER
VOLTAGE-CONTROLLED CURRENT SOURCE
SYNCHRONOUS DEMODULATOR

DESCRIPTION
The INA154 is a high slew rate, unity-gain difference
amplifier consisting of a precision op amp with a
precision resistor network. The on-chip resistors are
laser trimmed for accurate gain and high commonmode
rejection. Excellent TCR tracking of the resistors
maintains gain accuracy and common-mode rejection
over temperature. The input common-mode
voltage range extends beyond the positive and negative
supply rails. It operates on ±4V to ±18V supplies.
The difference amplifier is the foundation of many
commonly used circuits. The INA154 provides this
circuit function without using an expensive precision
resistor network. The INA154 is available in a SO-8
surface-mount package and is specified for operation
over the extended industrial temperature range, –40°C
to +85°C.




Similar Part No. - INA154U.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA154U BURR-BROWN-INA154U Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154U TI1-INA154U Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA154U/2K5 TI1-INA154U/2K5 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA154U/2K5E4 TI1-INA154U/2K5E4 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Burr-Brown (TI)
INA154UA BURR-BROWN-INA154UA Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
More results


Similar Description - INA154U.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com