Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40106 Datasheet (PDF) - SYC Electronica

CD40106 Datasheet PDF - SYC Electronica
Part # CD40106
Download  CD40106 Download
File Size   111.39 Kbytes
Page   9 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS Hex Schmitt Triggers

CD40106 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40106 Datasheet PDF - SYC Electronica

Part # CD40106
Download  CD40106 Click to download

File Size   111.39 Kbytes
Page   9 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS Hex Schmitt Triggers

CD40106 Datasheet (HTML) - SYC Electronica


CD40106 Product details

Features
• High Voltage Type (20V Rating)
• Schmitt Trigger Action with No External Components
• Hysteresis Voltage (Typ.)
- 0.9V at VDD = 5V
- 2.3V at VDD = 10V
- 3.5V at VDD = 15V
• Noise Immunity Greater than 50%
• No Limit on Input Rise and Fall Times
• Low VDD to VSS Current During Slow Input Ramp
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1μA at 18V Over Full Package
Temperature Range; 100nA at 18V and +25oC
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Applications
• Wave and Pulse Shapers
• High Noise Environment Systems
• Monostable Multivibrators
• Astable Multivibrators




Similar Part No. - CD40106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40106 NSC-CD40106 Datasheet
134Kb / 6P
Hex Schmitt Trigger
logo
Texas Instruments
CD40106 TI-CD40106 Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106 INTERSIL-CD40106 Datasheet
75Kb / 9P
CMOS Hex Schmitt Triggers
December 1992
logo
SYC Electronica
CD40106-SMD SYC-CD40106-SMD Datasheet
208Kb / 7P
Hex inverting Schmitt trigger
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
More results


Similar Description - CD40106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
CMOS Hex Schmitt Triggers
December 1992
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
HEX SCHMITT TRIGGERS
logo
Texas Instruments
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
CMOS HEX SCHMITT TRIGGERS
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
Hex Inverting Schmitt Triggers
logo
Texas Instruments
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com