Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541 Datasheet (PDF) - SYC Electronica

CD4541 Datasheet PDF - SYC Electronica
Part # CD4541
Download  CD4541 Download
File Size   117.04 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Programmable Timer

CD4541 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4541 Datasheet PDF - SYC Electronica

Part # CD4541
Download  CD4541 Click to download

File Size   117.04 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Programmable Timer

CD4541 Datasheet (HTML) - SYC Electronica


CD4541 Product details

General Description
The CD4541BC Programmable Timer is designed with a
16-stage binary counter, an integrated oscillator for use
with an external capacitor and two resistors, output control
logic, and a special power-on reset circuit. The special features
of the power-on reset circuit are first, no additional
static power consumption and second, the part functions
across the full voltage range (3V–15V) whether power-on
reset is enabled or disabled.
Timing and the counter are initialized by turning on power,
if the power-on reset is enabled. When the power is
already on, an external reset pulse will also initialize the
timing and counter. After either reset is accomplished, the
oscillator frequency is determined by the external RC network.
The 16-stage counter divides the oscillator frequency
by any of 4 digitally controlled division ratios.

Features
 Available division ratios 28, 210, 213, or 216
 Increments on positive edge clock transitions
 Built-in low power RC oscillator (±2% accuracy over
temperature range and ±10% supply and ±3% over processing
@ < 10 kHz)
 Oscillator frequency range ≈ DC to 100 kHz
 Oscillator may be bypassed if external clock is available
(apply external clock to pin 3)
 Automatic reset initializes all counters when power turns
on
 External master reset totally independent of automatic
reset operation
 Operates at 2n frequency divider or single transition
timer
 Q/Q select provides output logic level flexibility
 Reset (auto or master) disables oscillator during resetting
to provide no active power dissipation
 Clock conditioning circuit permits operation with very
slow clock rise and fall times
 Wide supply voltage range—3.0V to 15V
 High noise immunity—0.45 VDD (typ.)
 5V–10V–15V parameter ratings
 Symmetrical output characteristics
 Maximum input leakage 1 μA at 15V over full temperature
range
 High output drive (pin 8) min. one TTL load




Similar Part No. - CD4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541 TI-CD4541 Datasheet
93Kb / 9P
CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Fairchild Semiconductor
CD4541 FAIRCHILD-CD4541 Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541 NSC-CD4541 Datasheet
137Kb / 6P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
PROGRAMMABLE TIMER CMOS IC
CD4541 UTC-CD4541 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
More results


Similar Description - CD4541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com