Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM8870 Datasheet (PDF) - SYC Electronica

CM8870 Datasheet PDF - SYC Electronica
Part # CM8870
Download  CM8870 Download
File Size   292.5 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS Integrated DTMF Receiver

CM8870 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM8870 Datasheet PDF - SYC Electronica

Part # CM8870
Download  CM8870 Click to download

File Size   292.5 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS Integrated DTMF Receiver

CM8870 Datasheet (HTML) - SYC Electronica


CM8870 Product details

Features
• Full DTMF receiver
• Less than 35mW power consumption
• Industrial temperature range
• Uses quartz crystal or ceramic resonators
• Adjustable acquisition and release times
• 18-pin DIP, 18-pin DIP EIAJ, 18-pin SOIC, 20-pin
PLCC
• CM8870C
— Power down mode
— Inhibit mode
— Buffered OSC3 output (PLCC package only)
• CM8870C is fully compatible with CM8870 for 18-pin
devices by grounding pins 5 and 6

Applications
• PABX
• Central office
• Mobile radio
• Remote control
• Remote data entry
• Call limiting
• Telephone answering systems
• Paging systems

Product Description
The CAMD CM8870/70C provides full DTMF receiver capability by integrating both the bandsplit filter and digital
decoder functions into a single 18-pin DIP, SOIC, or 20-pin PLCC package. The CM8870/70C is manufactured using
state-of-the-art CMOS process technology for low power consumption (35mW, max.) and precise data handling. The
filter section uses a switched capacitor technique for both high and low group filters and dial tone rejection. The
CM8870/70C decoder uses digital counting techniques for the detection and decoding of all 16 DTMF tone pairs into a
4-bit code. This DTMF receiver minimizes external component count by providing an on-chip differential input amplifier,
clock generator, and a latched three-state interface bus. The on-chip clock generator requires only a low cost TV
crystal or ceramic resonator as an external component.




Similar Part No. - CM8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
CMOS Integrated DTMF Receiver
CM8870-70C CALMIRCO-CM8870-70C Datasheet
231Kb / 8P
CMOS Integrated DTMF Receiver
CM8870/70C CALMIRCO-CM8870/70C Datasheet
231Kb / 8P
CMOS Integrated DTMF Receiver
CM887070C CALMIRCO-CM887070C Datasheet
231Kb / 8P
CMOS Integrated DTMF Receiver
CM8870CF CALMIRCO-CM8870CF Datasheet
231Kb / 8P
CMOS Integrated DTMF Receiver
More results


Similar Description - CM8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
CMOS Integrated DTMF Receiver
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
CMOS INTEGRATED DTMF TRANCEIVER
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
ISO2-CMOS Integrated DTMF Receiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
3 Volt Integrated DTMF Receiver
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
INTEGRATED DTMF RECEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
3 Volt Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
INTEGRATED DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com