Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3515 Datasheet (PDF) - Monolithic Power Systems

MPM3515 Datasheet PDF - Monolithic Power Systems
Part # MPM3515
Download  MPM3515 Download
File Size   1179.88 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified

MPM3515 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3515 Datasheet PDF - Monolithic Power Systems

Part # MPM3515
Download  MPM3515 Click to download

File Size   1179.88 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified

MPM3515 Datasheet (HTML) - Monolithic Power Systems


MPM3515 Product details

DESCRIPTION
The MPM3515 is a synchronous, rectified, stepdown converter with built-in power MOSFETs, inductors, and capacitors. The MPM3515 offers a very compact solution and requires only four external components to achieve 1.5A of continuous output current with excellent load and line regulation over a wide input supply range. The MPM3515 operates with a 2.2MHz switching frequency to achieve a fast load transient response.
Full protection features include over-current protection (OCP) and thermal shutdown.
The MPM3515 eliminates design and manufacturing risks while improving the time to
market dramatically.
The MPM3515 is available in a space-saving QFN-17 (3mmx5mmx1.6mm) package.

FEATURES
 Complete Switch-Mode Power Supply
 Wide 4V to 36V Operating Input Range
 1.5A Continuous Load Current
 90mΩ/50mΩ Low RDS(ON) Internal Power MOSFETs
 Fixed 2.2MHz Switching Frequency
 Frequency Foldback at a High Input Voltage
 450kHz to 2.2MHz Frequency Sync
 Forced Continuous Conduction Mode (CCM )
 Power Good (PG) Indicator
 Over-Current Protection (OCP) with Valley-Current Detection and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in a QFN-17 (3mmx5mmx1.6mm) Package
 CISPR25 Class 5 Compliant
 Available in a Wettable Flank Package
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Industrial Controls
 Automotive
 Medical and Imaging Equipment
 Telecom Applications
 Distributed Power Systems




Similar Part No. - MPM3515

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3515 MPS-MPM3515 Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
MPM3515GQV MPS-MPM3515GQV Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
MPM3515GQV-AEC1 MPS-MPM3515GQV-AEC1 Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
MPM3515GQVE-AEC1 MPS-MPM3515GQVE-AEC1 Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
More results


Similar Description - MPM3515

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4415M MPS-MPQ4415M Datasheet
1Mb / 22P
1.5A, 36V, 2.2MHz, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPM3515 MPS-MPM3515 Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
MPM6010 MPS-MPM6010 Datasheet
1Mb / 22P
36V, 1.5A, High-Efficiency Module, Synchronous, Step-Down LED Driver with Integrated Inductor AEC-Q100 Qualified
MPM3805A MPS-MPM3805A Datasheet
1Mb / 20P
6V Input, 0.6A Module, Synchronous, Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
MPM3810A MPS-MPM3810A Datasheet
660Kb / 19P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com