Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA051-1JY Datasheet (PDF) - STMicroelectronics

ESDA051-1JY Datasheet PDF - STMicroelectronics
Part # ESDA051-1JY
Download  ESDA051-1JY Download
File Size   618.39 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 5 V TVS in SOD323

ESDA051-1JY Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA051-1JY Datasheet PDF - STMicroelectronics

Part # ESDA051-1JY
Download  ESDA051-1JY Click to download

File Size   618.39 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 5 V TVS in SOD323

ESDA051-1JY Datasheet (HTML) - STMicroelectronics


ESDA051-1JY Product details

Features
• AEC-Q101 qualified
• Unidirectional devices
• ECOPACK2 compliant component
• ISO 10605 / IEC 61000-4-2: C = 150 pF, R = 330 Ω, exceeds level 4
– ±30 kV (air discharge)
– ±30 kV (contact discharge)
• ISO 10605: C = 330 pF, R = 330 Ω, exceeds level 4
– ±30 kV (air discharge)
– ±30 kV (contact discharge)
• IEC 61000-4-4
• ISO 7637-3
– Fast transient pulse a: Vs = -150 V
– Fast transient pulse b: Vs = +150 V
– Slow transient negative pulse: Vs = -85 V
– Slow transient positive pulse: Vs = +85 V

Application
Protection of electronic circuits in ICE vehicles, electrical vehicle and hybrid electric vehicles such as e-bikes, cars and buses. The low clamping voltage during ESD and EOS surges provides an efficient protection of the equipment to ensure robustness and longevity of the vehicle.

Description
This ESDA051-1JY is unidirectional single TVS protection devices designed to protect sensitive equipement against ESD transients and EOS surges.
This device is packaged in SOD323.




Similar Part No. - ESDA051-1JY

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA05 LEIDITECH-ESDA05 Datasheet
891Kb / 5P
Electrical Specification
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
Quad TVS Diode Array
ESDA0504T5 LEIDITECH-ESDA0504T5 Datasheet
127Kb / 3P
USB 2.0 power and data line
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ESDA0506P6 LEIDITECH-ESDA0506P6 Datasheet
167Kb / 3P
LOW CAPACITANCE TVS DIODE ARRAY
More results


Similar Description - ESDA051-1JY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
logo
Zetex Semiconductors
ZLLS410 ZETEX-ZLLS410 Datasheet
395Kb / 8P
10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410 DIODES-ZLLS410_12 Datasheet
571Kb / 6P
10V Low leakage Schottky diode in SOD323
Rev erse
logo
STMicroelectronics
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
TSD05C TI1-TSD05C_V01 Datasheet
878Kb / 15P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
REVISED JULY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com