Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

460123141 Datasheet (PDF) - Molex Electronics Ltd.

460123141 Datasheet PDF - Molex Electronics Ltd.
Part # 460123141
Download  460123141 Download
File Size   90.89 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals, 16 AWG

460123141 Datasheet (PDF)

Go To PDF Page Download Datasheet
460123141 Datasheet PDF - Molex Electronics Ltd.

Part # 460123141
Download  460123141 Click to download

File Size   90.89 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals, 16 AWG

460123141 Datasheet (HTML) - Molex Electronics Ltd.


460123141 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for Mini-Fit Jr.
Male and Female Crimp Terminals,
16 AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Mini-Fit Jr.
Tool Type Hand Crimp Tool
UPC 191128194594
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 460123141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46012 MOLEX2-46012 Datasheet
875Kb / 2P
Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
logo
Turck, Inc.
46012 TURCK-46012 Datasheet
331Kb / 3P
Inductive Sensor
11/07/2023
logo
Molex Electronics Ltd.
46012-1141 MOLEX2-46012-1141 Datasheet
294Kb / 3P
Mini-Fit Plus Connector System 4.20mm Pitch
46012-1240 MOLEX2-46012-1240 Datasheet
294Kb / 3P
Mini-Fit Plus Connector System 4.20mm Pitch
46012-3141 MOLEX2-46012-3141 Datasheet
294Kb / 3P
Mini-Fit Plus Connector System 4.20mm Pitch
More results


Similar Description - 460123141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-1000 MOLEX-63819-1000 Datasheet
919Kb / 8P
Hand Crimp Tool For Mini-Fit??Jr. Crimp Terminals
09-16-14
ATS-638190900 MOLEX-ATS-638190900 Datasheet
1Mb / 9P
Hand Crimp Tool For Mini-Fit??Jr. Male and Female Crimp Terminals
08-28-15
ATS-2002181200 MOLEX-ATS-2002181200 Datasheet
512Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
11-17-16
63811-5100 MOLEX-63811-5100 Datasheet
311Kb / 7P
Hand Crimp Tool for Mini-Fit Jr.??Crimp Terminals
03-27-08
63819-0901 MOLEX-63819-0901 Datasheet
1Mb / 9P
Hand Crimp Tool For Mini-Fit Jr. Male and Female Crimp Terminals
12-21-21
200218-2200 MOLEX-200218-2200 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals
11-17-21
2002181700 MOLEX-2002181700 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit TPA Male and Female Crimp Terminals
07-16-20
2002182200 MOLEX-2002182200 Datasheet
1Mb / 8P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals
05-23-22
0638190800 MOLEX-0638190800 Datasheet
44Kb / 3P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 22-28 AWG
11/02/2021
0638190901 MOLEX-0638190901 Datasheet
52Kb / 4P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 18-24 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com