Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002185100 Datasheet (PDF) - Molex Electronics Ltd.

2002185100 Datasheet PDF - Molex Electronics Ltd.
Part # 2002185100
Download  2002185100 Download
File Size   69.5 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Spot-On Crimp Terminals, 28-24 AWG

2002185100 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002185100 Datasheet PDF - Molex Electronics Ltd.

Part # 2002185100
Download  2002185100 Click to download

File Size   69.5 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Spot-On Crimp Terminals, 28-24 AWG

2002185100 Datasheet (HTML) - Molex Electronics Ltd.


2002185100 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for Spot-On Crimp
Terminals, 28-24 AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Spot-On
Tool Type Hand Crimp Tool
UPC 193264464982
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2002185100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002185100 MOLEX-2002185100 Datasheet
1,004Kb / 7P
Hand Crimp Tool for Spot-On Crimp Terminals
11-04-19
More results


Similar Description - 2002185100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
0638192500 MOLEX-0638192500 Datasheet
39Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 22-28 AWG
11/02/2021
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
200218-5100 MOLEX-200218-5100 Datasheet
1,004Kb / 7P
Hand Crimp Tool for Spot-On Crimp Terminals
11-04-19
2002189700 MOLEX-2002189700 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 26-28 AWG
4/21/2022
200218-5200 MOLEX-200218-5200 Datasheet
1Mb / 7P
Hand Crimp Tool for Spot-On Female Crimp Terminals
04-23-19
2002184200 MOLEX-2002184200 Datasheet
31Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals, 22-24 AWG
11/02/2021
2002185100 MOLEX-2002185100 Datasheet
1,004Kb / 7P
Hand Crimp Tool for Spot-On Crimp Terminals
11-04-19
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com