Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-87-R1-SS-12GC Datasheet (PDF) - Sensata Technologies, Inc.

XHS35F-87-R1-SS-12GC Datasheet PDF - Sensata Technologies, Inc.
Part # XHS35F-87-R1-SS-12GC
Download  XHS35F-87-R1-SS-12GC Download
File Size   1006.53 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS

XHS35F-87-R1-SS-12GC Datasheet (PDF)

Go To PDF Page Download Datasheet
XHS35F-87-R1-SS-12GC Datasheet PDF - Sensata Technologies, Inc.

Part # XHS35F-87-R1-SS-12GC
Download  XHS35F-87-R1-SS-12GC Click to download

File Size   1006.53 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS

XHS35F-87-R1-SS-12GC Datasheet (HTML) - Sensata Technologies, Inc.


XHS35F-87-R1-SS-12GC Product details

Features
Applications
HS35 Rotary Absolute Encoder:
• Robustness and excellent resistance to shocks / vibrations
• High Protection Level IP65 (NEMA 4 & 13)
• High Resolutions Available: Up to 16 bits
• Universal Electronic Circuits from 4.75 to 30 Vdc
• High Performance in Temperatures –40°C to 100°C
• Multiple outputs options: SSI, Parallel, Analog
• Hard anodization available in special features
• Certifications in Hazardous Locations: Non-incendive UL/Atex/IECEx
• Steel, Glass, Paper mills
• Wood industry
• Wind energy
• Power generators
• Mining drilling
• Gas engines




Similar Part No. - XHS35F-87-R1-SS-12GC

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
XHS35F-87-R1-SS-EPROGA SENSATA-XHS35F-87-R1-SS-EPROGA Datasheet
1Mb / 8P
3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-87-R1-SS-EPROGAB SENSATA-XHS35F-87-R1-SS-EPROGAB Datasheet
1Mb / 8P
3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-87-R1-SS-EPROGABZ SENSATA-XHS35F-87-R1-SS-EPROGABZ Datasheet
1Mb / 8P
3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-87-R1-SS-EPROGAZ SENSATA-XHS35F-87-R1-SS-EPROGAZ Datasheet
1Mb / 8P
3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-87-R1-SS-XPROGA SENSATA-XHS35F-87-R1-SS-XPROGA Datasheet
1Mb / 8P
3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
More results


Similar Description - XHS35F-87-R1-SS-12GC

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z119024 IVO-Z119024 Datasheet
210Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119040 IVO-Z119040 Datasheet
213Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119041 IVO-Z119041 Datasheet
233Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119043 IVO-Z119043 Datasheet
231Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119050 IVO-Z119050 Datasheet
211Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119053 IVO-Z119053 Datasheet
211Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119068 IVO-Z119068 Datasheet
229Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119070 IVO-Z119070 Datasheet
239Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119072 IVO-Z119072 Datasheet
226Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119076 IVO-Z119076 Datasheet
213Kb / 1P
Accessories Torque supports for hollow shaft encoders
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com