Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11074 Datasheet (PDF) - Texas Instruments

74ACT11074 Datasheet PDF - Texas Instruments
Part # 74ACT11074
Download  74ACT11074 Download
File Size   664.34 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET

74ACT11074 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT11074 Datasheet PDF - Texas Instruments

Part # 74ACT11074
Download  74ACT11074 Click to download

File Size   664.34 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET

74ACT11074 Datasheet (HTML) - Texas Instruments


74ACT11074 Product details

Inputs Are TTL-Voltage Compatible
Center-Pin VCC and GND Configurations to
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-m Process
500-mA Typical Latch-Up Immunity
at 125°C
Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages, and Standard Plastic
300-mil DIPs (N)

description
This device contains two independent positive-edge-triggered D-type flip-flops. A low level at the preset (PRE)
or clear (CLR) input sets or resets the outputs regardless of the levels of the other inputs. When PRE and CLR
are inactive (high), data at the data (D) input meeting the setup-time requirements are transferred to the outputs
on the low-to-high transition of the clock (CLK) pulse. Clock triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following the hold time interval, data at the D input may be changed
without affecting the levels at the outputs.
The 74ACT11074 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT11074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI1-74ACT11074 Datasheet
888Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074D TI-74ACT11074D Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074D TI1-74ACT11074D Datasheet
888Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074DB TI-74ACT11074DB Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Similar Description - 74ACT11074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com