Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11373DBR Datasheet (PDF) - Texas Instruments

74ACT11373DBR Datasheet PDF - Texas Instruments
Part # 74ACT11373DBR
Download  74ACT11373DBR Download
File Size   624.66 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS

74ACT11373DBR Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT11373DBR Datasheet PDF - Texas Instruments

Part # 74ACT11373DBR
Download  74ACT11373DBR Click to download

File Size   624.66 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS

74ACT11373DBR Datasheet (HTML) - Texas Instruments


74ACT11373DBR Product details

Eight Latches in a Single Package
3-State Bus Driving True Outputs
Full Parallel Access for Loading
Buffered Input and Output-Enable Pins
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-m Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, and Standard
Plastic 300-mil DIPs (NT)

description
This 8-bit latch features 3-state outputs designed specifically for driving highly-capacitive or relatively
low-impedance loads. It is particularly suitable for implementing buffer registers, I/O ports, bidirectional bus
drivers, and working registers.
The eight latches of the 74ACT11373 are transparent D-type latches. While the latch-enable (LE) input is high,
the Q outputs follow the data (D) inputs. When the enable is taken low, the Q outputs are latched at the levels
that were set up at the D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impendance third state and increased drive provide the capability to drive
the bus lines in a bus-organized system without need for interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are off.
The 74ACT11373 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74ACT11373DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11373DBR TI-74ACT11373DBR Datasheet
103Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373DBR TI1-74ACT11373DBR Datasheet
856Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373DBRE4 TI1-74ACT11373DBRE4 Datasheet
856Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373DBRG4 TI1-74ACT11373DBRG4 Datasheet
856Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Similar Description - 74ACT11373DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com