Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DC105 Datasheet (PDF) - Texas Instruments

ADC12DC105 Datasheet PDF - Texas Instruments
Part # ADC12DC105
Download  ADC12DC105 Download
File Size   668.82 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs

ADC12DC105 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DC105 Datasheet PDF - Texas Instruments

Part # ADC12DC105
Download  ADC12DC105 Click to download

File Size   668.82 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs

ADC12DC105 Datasheet (HTML) - Texas Instruments


ADC12DC105 Product details

1FEATURES
2• Internal Sample-and-Hold Circuit and Precision
Reference
• Low Power Consumption
• Clock Duty Cycle Stabilizer
• Single +3.0V or +3.3V Supply Operation
• Power-Down Mode
• Offset Binary or 2's Complement Output Data
Format
• 60-Pin WQFN Package, (9x9x0.8mm, 0.5mm
Pin-Pitch)

KEY SPECIFICATIONS
• Resolution: 12 Bits
• Conversion Rate: 105 MSPS
• SNR (fIN = 170 MHz): 69 dBFS (Typ)
• SFDR (fIN = 170 MHz): 83 dBFS (Typ) pin•
Full Power Bandwidth: 1 GHz (Typ)
• Power Consumption
– 690 mW (Typ), V A = 3.0V
– 800 mW (Typ), VA = 3.3V

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

DESCRIPTION
The ADC12DC105 is a high-performance CMOS
analog-to-digital converter capable of converting two
analog input signals into 12-bit digital words at rates
up to 105 Mega Samples Per Second (MSPS). These
converters use a differential, pipelined architecture
with digital error correction and an on-chip sampleand-
hold circuit to minimize power consumption and
the external component count, while providing
excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC12DC080/105 may be operated from a
single +3.0V or +3.3V power supply. A power-down
feature reduces the power consumption to very low
levels while still allowing fast wake-up time to full operation. The differential inputs provide a 2V full
scale differential input swing. A stable 1.2V internal
voltage reference is provided, or the ADC12DC105
can be operated with an external 1.2V reference.
Output data format (offset binary versus 2's
complement) and duty cycle stabilizer are pin•
selectable. The duty cycle stabilizer maintains
performance over a wide range of clock duty cycles.
The ADC12DC105 is available in a 60-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC12DC105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
ADC12DC105 TI1-ADC12DC105 Datasheet
570Kb / 24P
Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
ADC12DC105 TI1-ADC12DC105 Datasheet
1Mb / 26P
105 MSPS A/D Converter
logo
National Semiconductor ...
ADC12DC105CISQ NSC-ADC12DC105CISQ Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC105CISQ/NOPB TI1-ADC12DC105CISQ/NOPB Datasheet
1Mb / 26P
105 MSPS A/D Converter
More results


Similar Description - ADC12DC105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
ADC12DC105 TI1-ADC12DC105_14 Datasheet
570Kb / 24P
Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com