Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14DC080CISQE/NOPB Datasheet (PDF) - Texas Instruments

ADC14DC080CISQE/NOPB Datasheet PDF - Texas Instruments
Part # ADC14DC080CISQE/NOPB
Download  ADC14DC080CISQE/NOPB Download
File Size   639.7 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs

ADC14DC080CISQE/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14DC080CISQE/NOPB Datasheet PDF - Texas Instruments

Part # ADC14DC080CISQE/NOPB
Download  ADC14DC080CISQE/NOPB Click to download

File Size   639.7 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs

ADC14DC080CISQE/NOPB Datasheet (HTML) - Texas Instruments


ADC14DC080CISQE/NOPB Product details

1FEATURES
2• Internal Sample-and-Hold Circuit and Precision
Reference
• Low Power Consumption
• Clock Duty Cycle Stabilizer
• Single +3.0V Supply Operation
• Power-Down Mode
• Offset Binary or 2's Complement Output Data
Format
• 60-Pin WQFN Package, (9x9x0.8mm, 0.5mm
Pin-Pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

KEY SPECIFICATIONS
• Resolution 14 Bits
• Conversion Rate 80 MSPS
• SNR (fIN = 170 MHz) 71 dBFS (typ)
• SFDR (fIN = 170 MHz) 83 dBFS (typ)
• Full Power Bandwidth 1 GHz (typ)
• Power Consumption 600 mW (typ)

DESCRIPTION
The ADC14DC080 is a high-performance CMOS
analog-to-digital converter capable of converting two
analog input signals into 14-bit digital words at rates
up to 80 Mega Samples Per Second (MSPS). These
converters use a differential, pipelined architecture
with digital error correction and an on-chip sampleand-
hold circuit to minimize power consumption and
the external component count, while providing
excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC14DC080 may be operated from a
single +3.0V power supply. A power-down feature
reduces the power consumption to very low levels
while still allowing fast wake-up time to full operation. The differential inputs provide a 2V full scale
differential input swing. A stable 1.2V internal voltage
reference is provided, or the ADC14DC080 can be
operated with an external 1.2V reference. Output
data format (offset binary versus 2's complement)
and duty cycle stabilizer are pin-selectable. The duty
cycle stabilizer maintains performance over a wide
range of clock duty cycles.
The ADC14DC080 is available in a 60-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC14DC080CISQE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14DC080CISQE/NOPB TI1-ADC14DC080CISQE/NOPB Datasheet
1Mb / 27P
80 MSPS A/D Converter with CMOS Outputs
More results


Similar Description - ADC14DC080CISQE/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Texas Instruments
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com