Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14DS080CISQE/NOPB Datasheet (PDF) - Texas Instruments

ADC14DS080CISQE/NOPB Datasheet PDF - Texas Instruments
Part # ADC14DS080CISQE/NOPB
Download  ADC14DS080CISQE/NOPB Download
File Size   689.72 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14DS080 Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs

ADC14DS080CISQE/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14DS080CISQE/NOPB Datasheet PDF - Texas Instruments

Part # ADC14DS080CISQE/NOPB
Download  ADC14DS080CISQE/NOPB Click to download

File Size   689.72 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14DS080 Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs

ADC14DS080CISQE/NOPB Datasheet (HTML) - Texas Instruments


ADC14DS080CISQE/NOPB Product details

1FEATURES
2• Clock Duty Cycle Stabilizer
• Single +3.0V or 3.3V Supply Operation
• Serial LVDS Outputs
• Serial Control Interface
• Overrange Outputs
• 60-Pin WQFN Package, (9x9x0.8mm, 0.5mm
Pin-Pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

KEY SPECIFICATIONS
• Resolution: 14 Bits
• Conversion Rate: 80 MSPS
• SNR: (fIN = 170 MHz) 72 dBFS (typ)
• SFDR: (f IN = 170 MHz) 82 dBFS (typ)
• Full Power Bandwidth: 1 GHz (typ)
• Power Consumption: 800 mW (typ)

DESCRIPTION
The ADC14DS080 is a high-performance CMOS
analog-to-digital converter capable of converting two
analog input signals into 14-bit digital words at rates
up to 80 Mega Samples Per Second (MSPS). The
digital outputs are serialized and provided on
differential LVDS signal pairs. These converters use a differential, pipelined architecture with digital error
correction and an on-chip sample-and-hold circuit to
minimize power consumption and the external
component count, while providing excellent dynamic
performance. A unique sample-and-hold stage yields
a full-power bandwidth of 1 GHz. The ADC14DS080
may be operated from a single +3.0V or 3.3V power
supply. A power-down feature reduces the power
consumption to very low levels while still allowing fast
wake-up time to full operation. The differential inputs accept a 2V full scale differential input swing. A stable
1.2V internal voltage reference is provided, or the
ADC14DS080 can be operated with an external 1.2V
reference. Output data format (offset binary versus
2's complement) and duty cycle stabilizer are
selectable. The duty cycle stabilizer maintains
performance over a wide range of clock duty cycles.
A serial interface allows access to the control
registers for full control of the ADC14DS80
functionality. The ADC14DS080 is available in a 60-
lead WQFN package and operates over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC14DS080CISQE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14DS080CISQE/NOPB TI1-ADC14DS080CISQE/NOPB Datasheet
1Mb / 36P
80 MSPS A/D Converter with Serial LVDS Outputs
More results


Similar Description - ADC14DS080CISQE/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD9645 AD-AD9645 Datasheet
966Kb / 36P
Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
REV. 0
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
80 MSPS A/D Converter with Serial LVDS Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com