Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1208 Datasheet (PDF) - Texas Instruments

ADS1208 Datasheet PDF - Texas Instruments
Part # ADS1208
Download  ADS1208 Download
File Size   551.03 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements

ADS1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1208 Datasheet PDF - Texas Instruments

Part # ADS1208
Download  ADS1208 Click to download

File Size   551.03 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements

ADS1208 Datasheet (HTML) - Texas Instruments


ADS1208 Product details

FEATURES
±100mV Specified Input Range
±125mV Full-Scale Range
95dB typ. CMR, 82dB typ. SNR
Adjustable Current Output for Sensor Biasing
Digital Output Compatible to ADS1202/03
Differential Digital Outputs
Separate 2.7V to 5.5V Digital Supply Pin

APPLICATIONS
Motor Control
Current Measurement
Hall Sensors
Bridge Sensors
Instrumentation

DESCRIPTION
The ADS1208 is a 2nd-order DS (delta-sigma) modu·
lator operating at a 10MHz clock rate. The specified
input range is ±100mV, optimized for current
measurement with a Hall sensor, especially in motor
control applications. The ADS1208 contains a
programmable current source for sensor biasing and
has integrated input buffers for fast settling of the
sample capacitors; it also requires only a minimum of
external components. The differential analog input
offers low noise and excellent common-mode rejection.




Similar Part No. - ADS1208

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
426Kb / 25P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208I BURR-BROWN-ADS1208I Datasheet
381Kb / 22P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208IPW BURR-BROWN-ADS1208IPW Datasheet
381Kb / 22P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
More results


Similar Description - ADS1208

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com