Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM105A Datasheet (PDF) - Toshiba Semiconductor

TCR3DM105A Datasheet PDF - Toshiba Semiconductor
Part # TCR3DM105A
Download  TCR3DM105A Download
File Size   749.18 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic

TCR3DM105A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR3DM105A Datasheet PDF - Toshiba Semiconductor

Part # TCR3DM105A
Download  TCR3DM105A Click to download

File Size   749.18 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic

TCR3DM105A Datasheet (HTML) - Toshiba Semiconductor


TCR3DM105A Product details

Features
Ultra small packag e DFN4D (1.0 mm x 1.0 mm; t 0.3 7 mm (typ.))
Wide range output voltage line up (V OUT = 1.0 to 4.5 V)
L ow dropout voltage
V
DO = 175 mV (typ.) at 3.3 V output, I OUT = 300 mA
V
DO = 21 6 mV (typ.) at 2.5 V output, I OUT = 300 mA
V
DO = 2 9 7 mV (typ.) at 1.8 V output, I OUT = 300 mA
Low output noise voltage (V NO = 38 μ V rms t yp.) at 10Hz ≤ f ≤ 100kHz)
High ripple rejection ratio (72 dB (typ.) at 2.5 V output, IOUT = 10 mA, f = 1 kHz)
Fast load transient response (±80 mV (typ.) at 2.5 V output, IOUT = 1 mA ⇔ 300 mA)
Overcurrent protection
Thermal shutdown
Inrush current protection circuit
Auto discharge
Pull down connection between CONTROL and GND
Ceramic capacitors can be used (C IN = 1 .0 μ F, C OUT = 1 .0 μ F)




Similar Part No. - TCR3DM105A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR3DM105 TOSHIBA-TCR3DM105 Datasheet
460Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
More results


Similar Description - TCR3DM105A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com