Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1230 Datasheet (PDF) - Texas Instruments

ADS1230 Datasheet PDF - Texas Instruments
Part # ADS1230
Download  ADS1230 Download
File Size   695.01 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-Bit Analog-to-Digital Converter For Bridge Sensors

ADS1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1230 Datasheet PDF - Texas Instruments

Part # ADS1230
Download  ADS1230 Click to download

File Size   695.01 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-Bit Analog-to-Digital Converter For Bridge Sensors

ADS1230 Datasheet (HTML) - Texas Instruments


ADS1230 Product details

1FEATURES
2• Complete Front-End for Bridge Sensor
• Onboard PGA with Gain of 64 or 128
• Onboard Oscillator
• RMS Noise:
40nV at 10SPS (G = 128)
88nV at 80SPS (G = 128)
• 18-Bit Noise-Free Resolution
• Selectable 10SPS or 80SPS Data Rates
• Simultaneous 50Hz and 60Hz Rejection at
10SPS
• External Voltage Reference up to 5V for
Ratiometric Measurements
• Simple, Pin-Driven Control
• Two-Wire Serial Digital Interface
• Tiny 16-pin TSSOP Package
• Supply Range: 2.7V to 5.3V
• –40°C to +85°C Temperature Range

APPLICATIONS
• Weigh Scales
• Strain Gauges
• Pressure Sensors
• Industrial Process Control

DESCRIPTION
The ADS1230 is a precision 20-bit analog-to-digital
converter (ADC). With an onboard low-noise
programmable gain amplifier (PGA), onboard
oscillator, and precision 20-bit delta-sigma ADC, the
ADS1230 provides a complete front-end solution for
bridge sensor applications including weigh scales,
strain gauges, and pressure sensors.
The low-noise PGA has a gain of 64 or 128,
supporting a full-scale differential input of ±39mV or
±19.5mV, respectively. The delta-sigma ADC has 20-
bit effective resolution and is comprised of a 3rd-
order modulator and 4th-order digital filter. Two data
rates are supported: 10SPS (with both 50Hz and
60Hz rejection) and 80SPS. The ADS1230 can be
clocked by the internal oscillator or an external clock
source. Offset calibration is performed on-demand,
and the ADS1230 can be put in a low-power standby
mode or shut off completely in power-down mode.
All of the features of the ADS1230 are controlled by
dedicated pins; there are no digital registers to
program. Data are output over an easily-isolated
serial interface that connects directly to the MSP430
and other microcontrollers.
The ADS1230 is available in a TSSOP-16 package
and is specified from –40°C to +85°C.




Similar Part No. - ADS1230

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230 Datasheet
588Kb / 29P
20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1230 TI1-ADS1230 Datasheet
1Mb / 30P
20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Burr-Brown (TI)
ADS1230IPW BURR-BROWN-ADS1230IPW Datasheet
501Kb / 25P
20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230IPW TI1-ADS1230IPW Datasheet
588Kb / 29P
20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results


Similar Description - ADS1230

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
20-Bit Analog-to-Digital Converter For Bridge Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com