Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7809 Datasheet (PDF) - Texas Instruments

ADS7809 Datasheet PDF - Texas Instruments
Part # ADS7809
Download  ADS7809 Download
File Size   660.73 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit 10μs Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7809 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7809 Datasheet PDF - Texas Instruments

Part # ADS7809
Download  ADS7809 Click to download

File Size   660.73 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit 10μs Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7809 Datasheet (HTML) - Texas Instruments


ADS7809 Product details

FEATURES
100kHz SAMPLING RATE
86dB SINAD WITH 20kHz INPUT
±2LSB INL
DNL: 16 Bits No Missing Codes
SIX SPECIFIED INPUT RANGES
SERIAL OUTPUT
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 12-BIT ADS7808
USES INTERNAL OR EXTERNAL
REFERENCE
100mW MAX POWER DISSIPATION
0.3" SO-20
SIMPLE DSP INTERFACE

DESCRIPTION
The ADS7809 is a complete 16-bit sampling Analog-to-
Digital (A/D) converter using state-of-the-art CMOS structures.
It contains a 16-bit capacitor-based Successive Approximation
Register (SAR) A/D converter with sample-andhold,
reference, clock, and a serial data interface. Data can
be outputted using the internal clock, or can be synchronized
to an external data clock. The ADS7809 also provides an
output synchronization pulse for ease of use with standard
DSP processors.
The ADS7809 is specified at a 100kHz sampling rate, and
specified over the full temperature range. Laser-trimmed
scaling resistors provide various input ranges including ±10V
and 0V to 5V, while an innovative design operates from a
single +5V supply, with power dissipation under 100mW.
The ADS7809 is available in a 0.3" SO-20, and is fully
specified for operation over the industrial –40°C to +85°C
range.




Similar Part No. - ADS7809

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809P BURR-BROWN-ADS7809P Datasheet
248Kb / 10P
16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809P TI1-ADS7809P Datasheet
867Kb / 19P
16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809P TI1-ADS7809P Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7809

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com