Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7864 Datasheet (PDF) - Texas Instruments

ADS7864 Datasheet PDF - Texas Instruments
Part # ADS7864
Download  ADS7864 Download
File Size   604.17 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7864 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7864 Datasheet PDF - Texas Instruments

Part # ADS7864
Download  ADS7864 Click to download

File Size   604.17 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7864 Datasheet (HTML) - Texas Instruments


ADS7864 Product details

FEATURES
6 Simultaneous Sampling Channels
Fully Differential Inputs
2μs Total Throughput per Channel
No Missing Codes
Parallel Interface
1MHz Effective Sampling Rate
Low Power: 50mW
6X FIFO

APPLICATIONS
Motor Control
Multi-Axis Positioning Systems
3-Phase Power Control

DESCRIPTION
The ADS7864 is a dual 12-bit, 500kHz
analog-to-digital (A/D) converter with 6 fully differen·
tial input channels grouped into three pairs for high
speed simultaneous signal acquisition. Inputs to the
sample-and-hold amplifiers are fully differential and
are maintained differential to the input of the A/D
converter. This provides excellent common-mode rejection
of 80dB at 50kHz which is important in high
noise environments.
The ADS7864 offers a parallel interface and control
inputs to minimize software overhead. The output
data for each channel is available as a 16-bit word
(address and data). The ADS7864 is offered in a
TQFP-48 package and is fully specified over the
–40°C to +85°C operating range.




Similar Part No. - ADS7864

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
995Kb / 28P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864Y BURR-BROWN-ADS7864Y Datasheet
183Kb / 16P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250 BURR-BROWN-ADS7864Y/250 Datasheet
183Kb / 16P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7864

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS7864 TI1-ADS7864_14 Datasheet
995Kb / 28P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com