Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7865 Datasheet (PDF) - Texas Instruments

ADS7865 Datasheet PDF - Texas Instruments
Part # ADS7865
Download  ADS7865 Download
File Size   614.9 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter

ADS7865 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7865 Datasheet PDF - Texas Instruments

Part # ADS7865
Download  ADS7865 Click to download

File Size   614.9 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter

ADS7865 Datasheet (HTML) - Texas Instruments


ADS7865 Product details

1FEATURES
2• Six Pseudo- or Four Fully Differential Inputs
• SNR: 71.7dB, THD: –87dB
• Programmable Channel Sequencer
• Programmable and Buffered Internal 2.5V
Reference
• Flexible Power-Down Features
• Variable Power-Supply Ranges: 2.7V to 5.5V
• Low-Power Operation: 44mW Maximum at 5V
• Operating Temperature Range:
–40°C to +125°C
• Pin-Compatible Upgrade for the ADS7862

APPLICATIONS
• Motor Control
• Multi-Axis Positioning Systems
• Three-Phase Power Control

DESCRIPTION
The ADS7865 is a dual, 12-bit, 2MSPS analog-to-
digital converter (ADC) with four fully differential or six
pseudo-differential input channels grouped into two
pairs for high-speed, simultaneous signal acquisition.
Inputs to the sample-and-hold (S/H) amplifiers are
fully differential and are maintained differentially to
the input of the ADC. This architecture provides
excellent common-mode rejection of 72dB at 100kHz,
which is a critical performance characteristic in noisy
environments.
The ADS7865 is pin-compatible with the ADS7862,
but offers additional features such as a
programmable channel sequencer and reference
output, flexible supply voltage (2.7V to 5.5V for AVDD
and BVDD), a pseudo-differential input multiplexer with three channels per ADC, and several power-down
features.
The ADS7865 is offered in a TQFP-32 package. It is
specified over the extended operating temperature
range of –40°C to +125°C.




Similar Part No. - ADS7865

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865 Datasheet
779Kb / 33P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865I TI-ADS7865I Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IBPBSR TI-ADS7865IBPBSR Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBS TI-ADS7865IPBS Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Similar Description - ADS7865

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com