Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7871 Datasheet (PDF) - Texas Instruments

ADS7871 Datasheet PDF - Texas Instruments
Part # ADS7871
Download  ADS7871 Download
File Size   640.05 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE

ADS7871 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7871 Datasheet PDF - Texas Instruments

Part # ADS7871
Download  ADS7871 Click to download

File Size   640.05 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE

ADS7871 Datasheet (HTML) - Texas Instruments


ADS7871 Product details

FEATURES
PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
Programmable Input (Up to 4-Channel
Differential/Up to 8-Channel Single-Ended or
Some Combination)
1.15-V, 2.048-V, or 2.5-V Internal Reference
SPI/DSP Compatible Serial Interface
(≤ 20 MHz)
Throughput Rate: 48 kSamples/sec
Error Overload Indicator
Programmable Output 2s Complement/Binary
2.7-V to 5.5-V Single Supply Operation
4-Bit Digital I/O Via Serial Interface
Pin-Compatible With ADS7870
SSOP-28 Package

APPLICATIONS
Portable Battery-Powered Systems
Low-Power Instrumentation
Low-Power Control Systems
Smart Sensor Applications

DESCRIPTION
The ADS7871 (US patents 6140872, 6060874) is a
complete low power data acquisition system on a single
chip. It consists of a 4-channel differential/8-channel
single-ended multiplexer, precision programmable gain
amplifier, 14-bit successive approximation analog-todigital
(A/D) converter, and a precision voltage reference.
The programmable-gain amplifier provides high input
impedance, excellent gain accuracy, good common-mode
rejection, and low noise.
For many low-level signals, no external amplification or
impedance buffering is needed between the signal source
and the A/D input.
The offset voltage of the PGA is auto-zeroed. Gains of 1,
2, 4, 5, 8, 10, 16, and 20 V/V allow signals as low as 125
mV to produce full-scale digital outputs.
The ADS7871 contains an internal reference, which is
trimmed for high initial accuracy and stability vs
temperature. Drift is typically 10 ppm/°C. An external
reference can be used in situations where multiple
ADS7871s share a common reference.
The serial interface allows the use of SPI, QSPI,
Microwire, and 8051-family protocols, without glue logic.




Similar Part No. - ADS7871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
958Kb / 46P
PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
ADS7871IDB TI-ADS7871IDB Datasheet
431Kb / 42P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDB TI1-ADS7871IDB Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results


Similar Description - ADS7871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401 Datasheet
312Kb / 22P
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
logo
Burr-Brown (TI)
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com