Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882 Datasheet (PDF) - Texas Instruments

ADS7882 Datasheet PDF - Texas Instruments
Part # ADS7882
Download  ADS7882 Download
File Size   629.54 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER

ADS7882 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7882 Datasheet PDF - Texas Instruments

Part # ADS7882
Download  ADS7882 Click to download

File Size   629.54 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER

ADS7882 Datasheet (HTML) - Texas Instruments


ADS7882 Product details

1FEATURES
· 3-MHz Sample Rate, 12-Bit Resolution
· Zero Latency
· Unipolar, Pseudo Differential Input, Range:
– 0 V to 2.5 V
· High-Speed Parallel Interface
· 69.5 dB SNR at 100 kHz I/P
· Power Dissipation 85 mW at 3 MSPS
· Nap Mode (10 mW Power Dissipation)
· Power Down (10 mW)
· Internal Reference
· Internal Reference Buffer
· 48-Pin TQFP Package

APPLICATIONS
· Optical Networking (DWDM, MEMS Based
Switching)
· Spectrum Analyzers
· High Speed Data Acquisition Systems
· High Speed Close-Loop Systems
· Telecommunication
· Ultra-Sound Detection

DESCRIPTION
The ADS7882 is a 12-bit 3-MSPS A-to-D converter
with 2.5-V internal reference. The device includes a
capacitor based SAR A/D converter with inherent
sample and hold. The device offers a 12-bit parallel
interface with an additional byte mode that provides
easy interface with 8-bit processors. The device has
a pseudo-differential input stage.
The –IN swing of ±200 mV is useful to compensate
for ground voltage mismatch between the ADC and sensor and also to cancel common-mode noise. With
nap mode enabled, the device operates at lower
power when used at lower conversion rates. The
device is available in 48-pin TQFP package.




Similar Part No. - ADS7882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882IPFBR TI-ADS7882IPFBR Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882IPFBR TI1-ADS7882IPFBR Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882IPFBT TI-ADS7882IPFBT Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7891 BURR-BROWN-ADS7891 Datasheet
329Kb / 26P
14BIT 3 MSPS LOW POWER SAR ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com