Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8364 Datasheet (PDF) - Texas Instruments

ADS8364 Datasheet PDF - Texas Instruments
Part # ADS8364
Download  ADS8364 Download
File Size   612.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS

ADS8364 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8364 Datasheet PDF - Texas Instruments

Part # ADS8364
Download  ADS8364 Click to download

File Size   612.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS

ADS8364 Datasheet (HTML) - Texas Instruments


ADS8364 Product details

FEATURES
6 INPUT CHANNELS
FULLY DIFFERENTIAL INPUTS
6 INDEPENDENT 16-BIT ADC
4μs TOTAL THROUGHPUT PER CHANNEL
TESTED NO MISSING CODES TO 14 BITS
BUFFERED REFERENCE INPUTS
LOW POWER: 450mW
TQFP-64 PACKAGE

APPLICATIONS
MOTOR CONTROL
MULTI-AXIS POSITIONING SYSTEMS
3-PHASE POWER CONTROL

DESCRIPTION
The ADS8364 includes six, 16-bit, 250kSPS ADCs (Analogto-
Digital converters) with 6 fully differential input channels
grouped into two pairs for high-speed simultaneous signal
acquisition. Inputs to the sample-and-hold amplifiers are fully
differential and are maintained differential to the input of the
ADC. This provides excellent common-mode rejection of
80dB at 50KHz that is important in high-noise environments.
The ADS8364 offers a flexible high-speed parallel interface
with a direct address mode, a cycle, and a FIFO mode. The
output data for each channel is available as a 16-bit word.




Similar Part No. - ADS8364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364Y TI-ADS8364Y Datasheet
393Kb / 22P
250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364Y/250 TI-ADS8364Y/250 Datasheet
393Kb / 22P
250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364Y/250 TI1-ADS8364Y/250 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364Y/250G4 TI1-ADS8364Y/250G4 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - ADS8364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS8365 BURR-BROWN-ADS8365 Datasheet
642Kb / 33P
16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS8365 TI1-ADS8365_14 Datasheet
987Kb / 38P
16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8365 TI1-ADS8365 Datasheet
993Kb / 38P
16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com