Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8505IBDBR.A Datasheet (PDF) - Texas Instruments

ADS8505IBDBR.A Datasheet PDF - Texas Instruments
Part # ADS8505IBDBR.A
Download  ADS8505IBDBR.A Download
File Size   692.56 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER

ADS8505IBDBR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8505IBDBR.A Datasheet PDF - Texas Instruments

Part # ADS8505IBDBR.A
Download  ADS8505IBDBR.A Click to download

File Size   692.56 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER

ADS8505IBDBR.A Datasheet (HTML) - Texas Instruments


ADS8505IBDBR.A Product details

FEATURES
· 105dB SFDR at 250-kHz Sample Rate
· Standard ±10-V Input Range
· ±1.5 LSB Max INL
· ±1 LSB Max DNL, 16-Bits No Missing Codes
· ±2 mV Max Bipolar Zero Error With ±0.4
PPM/°C Drift
· ±0.1% FSR Max Full-Scale Error With ±2
PPM/°C Drift
· Single 5-V Supply Operation
· Pin-Compatible With ADS7805 (Low Speed)
and 12-Bit ADS8504/7804
· Uses Internal or External Reference
· Full Parallel Data Output
· 70-mW Typ Power Dissipation at 250 KSPS
· 28-Pin SSOP and SOIC Packages

APPLICATIONS
· Industrial Process Control
· Data Acquisition Systems
· Digital Signal Processing
· Medical Equipment
· Instrumentation

DESCRIPTION
The ADS8505 is a complete 16-bit sampling A/D
converter using state-of-the-art CMOS structures. It contains a complete 16-bit, capacitor-based, SAR
A/D with S/H, reference, clock, interface for
microprocessor use, and 3-state output drivers.
The ADS8505 is specified at a 250-kHz sampling
rate over the full temperature range. Precision
resistors provide an industry standard ±10-V input
range, while the innovative design allows operation
from a single +5-V supply, with power dissipation
under 100 mW.
The ADS8505 is available in 28-pin SOIC and 28-pin
SSOP packages, both fully specified for operation
over the industrial –40°C to 85°C temperature range.




Similar Part No. - ADS8505IBDBR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8505IBDBR TI-ADS8505IBDBR Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IBDBRG4 TI-ADS8505IBDBRG4 Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8505IBDBR.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com