Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8519IB Datasheet (PDF) - Texas Instruments

ADS8519IB Datasheet PDF - Texas Instruments
Part # ADS8519IB
Download  ADS8519IB Download
File Size   551.82 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8519IB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8519IB Datasheet PDF - Texas Instruments

Part # ADS8519IB
Download  ADS8519IB Click to download

File Size   551.82 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8519IB Datasheet (HTML) - Texas Instruments


ADS8519IB Product details

1FEATURES
23• 0V to 8.192V, ±5V, and ±10V Input Ranges
• 93dB SNR with 20kHz Input
• ±1.5LSB Max INL
• ±1LSB Max DNL; 16 Bits, No Missing Codes
• SPI™-Compatible Serial Output with
Daisy-Chain (TAG) Feature and 3-State Bus
• 5V Analog Supply, 1.65V to 5.25V I/O Supply
• Pinout Similar to 16-Bit ADS7809 (Low-Speed)
and 12-Bit ADS7808 and ADS8508
• No External Precision Resistors Required
• Uses Internal or External Reference
• 110mW Typ Power Dissipation at 250kSPS
• 28-Pin SSOP Package
• Simple DSP Interface

APPLICATIONS
• Industrial Process Control
• Data Acquisition Systems
• Digital Signal Processing
• Medical Equipment
• Instrumentation

DESCRIPTION
The ADS8519 is a complete 16-bit sampling
analog-to-digital (A/D) converter using state-of-the-art
CMOS structures. It contains a complete 16-bit,
capacitor-based, successive approximation register
(SAR) A/D converter with sample-and-hold,
reference, clock, and a serial data interface. Data can
be output using the internal clock or synchronized to
an external data clock. The ADS8519 also provides
an output synchronization pulse for ease-of-use with
standard DSP processors.
The ADS8519 is specified at a 250kSPS sampling
rate over the full temperature range. Internal precision
resistors provide various input ranges including ±10V,
±5V, and 0V to 8.192V, while the innovative design
allows operation from a single 5V supply with power dissipation under 125mW.
The ADS8519 is available in a 28-pin SSOP
package, and is fully specified for operation over the industrial –40°C to +85°C temperature range.




Similar Part No. - ADS8519IB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519IB TI-ADS8519IB Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI1-ADS8519IBDB Datasheet
652Kb / 29P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8519IB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com