Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7816PB Datasheet (PDF) - Texas Instruments

ADS7816PB Datasheet PDF - Texas Instruments
Part # ADS7816PB
Download  ADS7816PB Download
File Size   627.15 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7816PB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7816PB Datasheet PDF - Texas Instruments

Part # ADS7816PB
Download  ADS7816PB Click to download

File Size   627.15 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7816PB Datasheet (HTML) - Texas Instruments


ADS7816PB Product details

FEATURES
200kHz SAMPLING RATE
MICRO POWER:
1.9mW at 200kHz
150mW at 12.5kHz
POWER DOWN: 3mA Max
8-PIN MINI-DIP, SOIC, AND MSOP
DIFFERENTIAL INPUT
SERIAL INTERFACE

APPLICATIONS
BATTERY OPERATED SYSTEMS
REMOTE DATA ACQUISITION
ISOLATED DATA ACQUISITION

DESCRIPTION
The ADS7816 is a 12-bit, 200kHz sampling analogto-
digital converter. It features low power operation
with automatic power down, a synchronous serial
interface, and a differential input. The reference voltage
can be varied from 100mV to 5V, with a corresponding
resolution from 24mV to 1.22mV.
Low power, automatic power down, and small size
make the ADS7816 ideal for battery operated systems
or for systems where a large number of signals must be
acquired simultaneously. It is also ideal for remote
and/or isolated data acquisition. The ADS7816 is
available in an 8-pin plastic mini-DIP, an 8-lead SOIC,
or an 8-lead MSOP package.




Similar Part No. - ADS7816PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816PB TI-ADS7816PB Datasheet
931Kb / 23P
12-Bit High Speed Micro Power Sampling
ADS7816PB TI-ADS7816PB Datasheet
963Kb / 24P
12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816PB TI1-ADS7816PB Datasheet
984Kb / 24P
12-Bit High Speed Micro Power Sampling
ADS7816PBG4 TI-ADS7816PBG4 Datasheet
931Kb / 23P
12-Bit High Speed Micro Power Sampling
ADS7816PBG4 TI-ADS7816PBG4 Datasheet
963Kb / 24P
12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7816PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com