Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN09 Datasheet (PDF) - TT Electronics.

EN09 Datasheet PDF - TT Electronics.
Part # EN09
Download  EN09 Download
File Size   986.48 Kbytes
Page   9 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 9 mm Encoder

EN09 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN09 Datasheet PDF - TT Electronics.

Part # EN09
Download  EN09 Click to download

File Size   986.48 Kbytes
Page   9 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 9 mm Encoder

EN09 Datasheet (HTML) - TT Electronics.


EN09 Product details

Features:
• Compact design
• 360° continuous Rotation
• Momentary Push switch option
• Switch life 20,000 cycles minimum
• Vertical and horizontal mount versions

Description:
9mm Encoder with push switch option. This small form factor encoder is a good fit for various small electronic applications such as frequency modulation, volume adjustment, and function switching.

Applications:
• Volume control
• Function Selection
• Small Electronic devices
• Audio and radio equipment
• Walkie-Talkies
• Communication equipment




Similar Part No. - EN09

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EN01Z SANKEN-EN01Z Datasheet
28Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
EN01Z SANKEN-EN01Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
TT Electronics.
EN05 TTELEC-EN05 Datasheet
625Kb / 7P
5 mm Encoder
Rev - 04/2021
EN08 TTELEC-EN08 Datasheet
505Kb / 5P
8 mm rotary encoder
logo
Bi technologies
EN08-C BITECH-EN08-C Datasheet
98Kb / 4P
8 mm Rotary Encoder
More results


Similar Description - EN09

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315 BOURNS-3315 Datasheet
268Kb / 5P
9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
PEC09 BOURNS-PEC09 Datasheet
331Kb / 3P
PEC09 Series - 9 mm Incremental Encoder
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com