Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA204 Datasheet (PDF) - TT Electronics.

HA204 Datasheet PDF - TT Electronics.
Part # HA204
Download  HA204 Download
File Size   551.98 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description SMD Common Mode Choke

HA204 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA204 Datasheet PDF - TT Electronics.

Part # HA204
Download  HA204 Click to download

File Size   551.98 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description SMD Common Mode Choke

HA204 Datasheet (HTML) - TT Electronics.


HA204 Product details

Description:
The HA204 series SMD Common Mode Choke (CMC) consists of total 7 part numbers. There are various impedance range from 100Ω up to 2500Ω with rated current at 9.0A maximum. The impedance is measured at 100MHz. Impedance performance curve (common mode and differential mode) can be found in datasheet. The insulation resistance between two windings is 10MΩ minimum. A maximum dimension is 8.0x6.2x4.0 mm. It has low profile and compact design for surface mounting. The HA204 series is AEC-Q200 certified.
Applications:
• EMI noise suppression for in-vehicle ethernet electronic control unit like advanced driver-assistance systems (ADAS), infotainment, navigation system, etc.
Features:
• Operating temperature range –40°C to +125°C
• AEC-Q200
• Low profile surface mount
• Compact design
• Various common mode and differential mode characteristic




Similar Part No. - HA204

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HA2045-D300D12A100 YHDC-HA2045-D300D12A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA2045-D300D15A100 YHDC-HA2045-D300D15A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA2045-D300D24A100 YHDC-HA2045-D300D24A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
More results


Similar Description - HA204

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACM21 ABRACON-ACM21 Datasheet
151Kb / 1P
SMD COMMON MODE CHOKE
logo
Bourns Electronic Solut...
PM3700-10-RC BOURNS-PM3700-10-RC Datasheet
239Kb / 2P
SMD Common Mode Choke
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
SMD Common Mode Choke
CMMI ETC2-CMMI Datasheet
1Mb / 11P
SMD Common Mode Choke
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
SMD Common Mode Choke
CTDLW21SHQF CT-CTDLW21SHQF Datasheet
331Kb / 1P
SMD Common Mode Choke
logo
Allied Components Inter...
ACM6460 ALLIED-ACM6460 Datasheet
308Kb / 1P
SMD Common Mode Choke
logo
Bourns Electronic Solut...
PM3700 BOURNS-PM3700 Datasheet
314Kb / 2P
SMD Common Mode Choke
logo
Allied Components Inter...
ACMC-4461 ALLIED-ACMC-4461 Datasheet
610Kb / 1P
SMD Common Mode Choke
logo
RENCO ELECTRONICS, INC.
RL-9250 RENCO-RL-9250 Datasheet
1Mb / 2P
SMD COMMON MODE CHOKE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com