Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM222 Datasheet (PDF) - TT Electronics.

HM222 Datasheet PDF - TT Electronics.
Part # HM222
Download  HM222 Download
File Size   329.21 Kbytes
Page   5 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Planar Transformer

HM222 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM222 Datasheet PDF - TT Electronics.

Part # HM222
Download  HM222 Click to download

File Size   329.21 Kbytes
Page   5 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Planar Transformer

HM222 Datasheet (HTML) - TT Electronics.


HM222 Product details

Features:
• -40°C to +130°C temperature range
• Operating frequency up to 300kHz
• 110V to 240V operation, 24V 12A output
• Surface Mount Device (SMD)
• RoHS compliant
Description:
The planar transformer is a SMD transformer with 280W full-bridge hybrid planar transformer for avionics, industrial control and alternative energy control applications. It is a low profile and high frequency transformer used in switch mode power supplies operating up to 300kHz.
Applications:
• Switch mode power supplies
• Full-bridge/half-bridge converters up to 280W
• Industrial control, and alternative energy applications
• Markets include avionics, industrial, military, medical, etc.




Similar Part No. - HM222

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM2222A HSMC-HM2222A Datasheet
38Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - HM222

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
Planar Transformer
C1539 COILCRAFT-C1539_11 Datasheet
189Kb / 1P
Planar Transformer
B0860 COILCRAFT-B0860_15 Datasheet
263Kb / 1P
Planar Transformer
RA6998 COILCRAFT-RA6998_14 Datasheet
174Kb / 1P
Planar Transformer
HA3648 COILCRAFT-HA3648_15 Datasheet
255Kb / 1P
Planar Transformer
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
Planar Transformer
PA6605 COILCRAFT-PA6605_16 Datasheet
237Kb / 1P
Planar Transformer
logo
Allied Components Inter...
AEE32-4236 ALLIED-AEE32-4236 Datasheet
1,012Kb / 2P
Planar Transformer
logo
Dongguan Mentech Optica...
TPEIR30-0067SG MNC-TPEIR30-0067SG Datasheet
255Kb / 1P
PLANAR TRANSFORMER
TPEIR34-0066SG MNC-TPEIR34-0066SG Datasheet
172Kb / 1P
PLANAR TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com