Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM224 Datasheet (PDF) - TT Electronics.

HM224 Datasheet PDF - TT Electronics.
Part # HM224
Download  HM224 Download
File Size   387.37 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Molding High Current Power Inductor

HM224 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM224 Datasheet PDF - TT Electronics.

Part # HM224
Download  HM224 Click to download

File Size   387.37 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Molding High Current Power Inductor

HM224 Datasheet (HTML) - TT Electronics.


HM224 Product details

Features:
• Operating temperature: –40°C to +125°C
• RoHS compliant
• Magnetically shielded construction
• Flat wire technology designed
Description:
The HM224 series is magnetically shielded designed with flat coil which can provides lower DC resistance than a typical round wire coil. This design offers high rated currents that able to handles high transient current spikes. It is ideal for use in voltage regulator module and DC-DC converter for industrial application.
This series consist of 2 case size which are 0420 (4.1mm x 4.1mm x 1.9mm) , 0650 (6.6mm x 6.4mm x 4.8mm)
Applications:
• DC/DC converters
• Switch and server
• Battery Power devices




Similar Part No. - HM224

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM224 HMSEMI-HM224 Datasheet
602Kb / 10P
touch IC designed using capacitive sensing principle
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
2-key 1 encoder capacitive touch chip
More results


Similar Description - HM224

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0520LR ABRACON-ASPI-0520LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.15.11
ASPI-0530HI ABRACON-ASPI-0530HI Datasheet
1Mb / 3P
Molding Type Power Inductor
11.17.11
ASPI-0530LR ABRACON-ASPI-0530LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.13.11
ASPI-0630HI ABRACON-ASPI-0630HI Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
logo
Shenzhen Codaca Electro...
CSEB0880 CODACA-CSEB0880 Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1030 CODACA-CSEB1030 Datasheet
845Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1090 CODACA-CSEB1090 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
CSEB1508 CODACA-CSEB1508 Datasheet
970Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1510 CODACA-CSEB1510 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com