Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP509A Datasheet (PDF) - TT Electronics.

OP509A Datasheet PDF - TT Electronics.
Part # OP509A
Download  OP509A Download
File Size   753.37 Kbytes
Page   5 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description NPN Silicon Phototransistor

OP509A Datasheet (PDF)

Go To PDF Page Download Datasheet
OP509A Datasheet PDF - TT Electronics.

Part # OP509A
Download  OP509A Click to download

File Size   753.37 Kbytes
Page   5 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description NPN Silicon Phototransistor

OP509A Datasheet (HTML) - TT Electronics.


OP509A Product details

Features:
• Flat lensed for wide acceptance angle (OP508F)
• Lensed for high sensitivity (OP509)
• Easily stackable on 0.100” (2.54 mm) hole centers
• Inexpensive plastic package
• Mechanically and spectrally matched to OP168 and OP268 series of infrared emitting diodes
Description:
The OP508FA consists of an NPN silicon phototransistor mounted in a flat, black plastic “end-looking” package. The flat sensing surface allows an acceptance half-angle of 60° when measured from the optical axis to the half power point.
Each device in the OP509 series consists of an NPN silicon phototransistor mounted in a lensed, clear plastic “end-looking” package. The lensing effect of the package allows an acceptance half-angle of 25° when measured from the optical axis to the half power point.
OP508FA and OP509 series devices can be mounted on 0.100” (2.54 mm) hole centers, which makes them an ideal low-cost alternate to hermetic OP600 sensors. OP508FA and OP509 series devices are mechanically and spectrally matched to the OP168F and OP268F series of infrared emitting diodes.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
For custom versions of the OP508FA and OP509 series devices please contact your OPTEK representative.
Applications:
• Applications requiring a wide acceptance angle
• Applications requiring high sensitivity
• Space-limited applications




Similar Part No. - OP509A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP509A OPTEK-OP509A Datasheet
355Kb / 2P
NPN Silicon Phototransistors
logo
TT Electronics.
OP509A TTELEC-OP509A Datasheet
1Mb / 6P
NPN Silicon Phototransistors
More results


Similar Description - OP509A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com