Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS72108ATP Datasheet (PDF) - GSI Technology

GS72108ATP Datasheet PDF - GSI Technology
Part # GS72108ATP
Download  GS72108ATP Download
File Size   556.93 Kbytes
Page   13 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 8 2Mb Asynchronous SRAM

GS72108ATP Datasheet (PDF)

Go To PDF Page Download Datasheet
GS72108ATP Datasheet PDF - GSI Technology

Part # GS72108ATP
Download  GS72108ATP Click to download

File Size   556.93 Kbytes
Page   13 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 8 2Mb Asynchronous SRAM

GS72108ATP Datasheet (HTML) - GSI Technology


GS72108ATP Product details

Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 135/115/95/80 mA at minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
J: 400 mil, 36-pin SOJ package
GJ :RoHS-compliant 400 mil, 36-pin SOJ package
TP: 400 mil, 44-pin TSOP Type II package
GP:RoHS-compliant 400 mil, 44-pin TSOP Type II package

Description
The GS72108A is a high speed CMOS Static RAM organized as 262,144 words by 8 bits. Static design eliminates the need for external clocks or timing strobes. The GS operates on a single 3.3 V power supply and all inputs and outputs are TTL-compatible. The GS72108A is available in 400 mil SOJ and 400 mil TSOP Type-II packages.




Similar Part No. - GS72108ATP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
256K x 8 2Mb Asynchronous SRAM
GS72108ATP-10 ETC1-GS72108ATP-10 Datasheet
317Kb / 12P
256K x 8 2Mb Asynchronous SRAM
GS72108ATP-10I ETC1-GS72108ATP-10I Datasheet
317Kb / 12P
256K x 8 2Mb Asynchronous SRAM
GS72108ATP-12 ETC1-GS72108ATP-12 Datasheet
317Kb / 12P
256K x 8 2Mb Asynchronous SRAM
GS72108ATP-12I ETC1-GS72108ATP-12I Datasheet
317Kb / 12P
256K x 8 2Mb Asynchronous SRAM
More results


Similar Description - GS72108ATP

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
256K x 8 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
128K x 16 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
128K x 16 2Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
256K x 24 6Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
256K x 32 8Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com