Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP100 Datasheet (PDF) - TT Electronics.

MHP100 Datasheet PDF - TT Electronics.
Part # MHP100
Download  MHP100 Download
File Size   818.17 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 100W TO247 High Power Resistors

MHP100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHP100 Datasheet PDF - TT Electronics.

Part # MHP100
Download  MHP100 Click to download

File Size   818.17 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 100W TO247 High Power Resistors

MHP100 Datasheet (HTML) - TT Electronics.


MHP100 Product details

Applications
· High frequency circuits and wide band / linear amplifiers.
· Switch mode and industrial RF power sources.
· AC motor control, electronic load and drive circuits.
· Automotive.
· Industrial PC modules (IPM) and measurement systems.
· RF circuit terminations.
· Constant current and precision voltage sources

MHP TO-247 Series Power Resistor
· TO-247 housing
· Low inductance and capacitance for
· high frequency circuits
· Available in 100W or 140W
· High stability film resistance elements
· RoHS compliant terminations
· Insulated metal back plate
· Approved to DSCC drawing 07019




Similar Part No. - MHP100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
logo
TT Electronics.
MHP100 TTELEC-MHP100 Datasheet
876Kb / 6P
140W TO247 High Power Resistors
04.12
logo
List of Unclassifed Man...
MHP100-0R100-F ETC1-MHP100-0R100-F Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
MHP100-0R100-J ETC1-MHP100-0R100-J Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
MHP100-500-F ETC1-MHP100-500-F Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
More results


Similar Description - MHP100

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RNP100S DBLECTRO-RNP100S Datasheet
185Kb / 2P
TO247 140W HIGH POWER RESISTORS
RNP50S DBLECTRO-RNP50S Datasheet
282Kb / 2P
TO247 100W HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
TP05-1R00-DBW RCD-TP05-1R00-DBW Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
High Power Resistors
logo
Tyco Electronics
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
High Power Resistors
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101_15 Datasheet
338Kb / 2P
100W TO-247 High Power Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com