Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2043714129 Datasheet (PDF) - Molex Electronics Ltd.

2043714129 Datasheet PDF - Molex Electronics Ltd.
Part # 2043714129
Download  2043714129 Download
File Size   63.51 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for CTX50 Unsealed Blade Small Grip Crimp Terminals, 0.13mm² FLR2X Wire

2043714129 Datasheet (PDF)

Go To PDF Page Download Datasheet
2043714129 Datasheet PDF - Molex Electronics Ltd.

Part # 2043714129
Download  2043714129 Click to download

File Size   63.51 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for CTX50 Unsealed Blade Small Grip Crimp Terminals, 0.13mm² FLR2X Wire

2043714129 Datasheet (HTML) - Molex Electronics Ltd.


2043714129 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for CTX50
Unsealed Blade Small Grip Crimp
Terminals, 0.13mm² FLR2X Wire
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name CTX50
Tool Type Hand Crimp Tool
UPC 195842705227
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2043714129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2043714329 MOLEX-2043714329 Datasheet
63Kb / 3P
Hand Crimp Tool for CTX50 Unsealed Blade Large Grip Crimp Terminals, 0.35mm² and 0.30mm² Wire
Jun 18, 2025
More results


Similar Description - 2043714129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-3200 MOLEX11-63823-3200 Datasheet
38Kb / 1P
Hand Crimp Tool for Male Flat Blade Crimp Terminals
63828-2000 MOLEX-63828-2000 Datasheet
1Mb / 6P
Hand Crimp Tool for CTX50 (Unsealed) Receptacle Terminals
11-15-17
200218-4300 MOLEX-200218-4300 Datasheet
978Kb / 7P
Hand Crimp Tool for CTX50 Small Grip Sealed Receptacle Crimp Terminals
02-14-20
2002184400 MOLEX-2002184400 Datasheet
33Kb / 2P
Hand Crimp Tool for CTX50 Sealed L1-Grip Receptacle Crimp Terminals, 0.35mm짼, FLR2X A3ZH Wire
02/24/2022
213309-2800 MOLEX-213309-2800 Datasheet
851Kb / 8P
Hand Crimp Tool for CTX50 Unsealed Blade Large Grip Crimp Terminals
08-27-21
2133092700 MOLEX-2133092700 Datasheet
833Kb / 7P
Hand Crimp Tool for CTX50 Unsealed Blade Small Grip Crimp Terminals
2133092700
ATS-638282000 MOLEX-ATS-638282000 Datasheet
1Mb / 6P
Hand Crimp Tool for CTX50 (Unsealed) Receptacle Terminals
1-15-17
0638084300 MOLEX-0638084300 Datasheet
50Kb / 1P
FA2 Mechanical Feed Applicator for CTX50 Unsealed Small Grip, 0.13mm² Wire
08/25/2022
0638084310 MOLEX-0638084310 Datasheet
43Kb / 1P
FA2 Pneumatic Feed Crimp Applicator for CTX50 Unsealed Small Grip, 0.13mm² Wire
08/26/2022
0638282000 MOLEX-0638282000 Datasheet
38Kb / 2P
Hand Crimp Tool for CTX50 Unsealed Receptacle Terminals
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com