Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF20 Datasheet (PDF) - Omega Engineering, Inc.

DPF20 Datasheet PDF - Omega Engineering, Inc.
Part # DPF20
Download  DPF20 Download
File Size   399.42 Kbytes
Page   3 Pages
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.
Description Panel Meter for Frequency, Rate, Total or Period Counter 6-Digit, 1⁄8 DIN Panel Mount

DPF20 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPF20 Datasheet PDF - Omega Engineering, Inc.

Part # DPF20
Download  DPF20 Click to download

File Size   399.42 Kbytes
Page   3 Pages
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.
Description Panel Meter for Frequency, Rate, Total or Period Counter 6-Digit, 1⁄8 DIN Panel Mount

DPF20 Datasheet (HTML) - Omega Engineering, Inc.


DPF20 Product details

Dual Channel (A + B + Reset)
Option for Wall Mounting
NEMA 4 (IP65) Front Panel
Power Options of 85 to 260 Vac and 11 to 60 Vdc
Excitation Power Supply of 5 to 18 Vdc @ 70 mA
Optional Outputs: Modbus®, Up to 6 Relays, Analog, SSR Drive, RS485 and RS232

Applications
Industrial Flow Rate or Total Indication and Alarm or Control
Angular Position or RPM Indication (with Quadrature Sensor)
Product/Piece Counting or Production Rate Indication




Similar Part No. - DPF20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPF240X200NA IXYS-DPF240X200NA Datasheet
120Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DPF240X400NA IXYS-DPF240X400NA Datasheet
96Kb / 3P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
More results


Similar Description - DPF20

ManufacturerPart #DatasheetDescription
logo
Picker Components
SK4104Z-F PICKER-SK4104Z-F Datasheet
66Kb / 1P
8 Pin Miniature Socket for Din Rail or Panel Mount
SK4104 PICKER-SK4104 Datasheet
66Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
logo
Murata Manufacturing Co...
DM-500 MURATA-DM-500 Datasheet
348Kb / 3P
digit, led display mini panel meter
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
Multifunctional Digital Panel Meter and Counter Display
logo
Picker Components
SC113-2C PICKER-SC113-2C Datasheet
104Kb / 1P
8 Pin Midget Socket for Din Rail or Panel Mount
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
DIN Rail, Panel Mount or Wall Mount
logo
Analog Devices
AD2001 AD-AD2001_15 Datasheet
975Kb / 2P
DIGIT PANEL METER FOR OEM APPLICATIONS
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Omron Electronics LLC
K3GN OMRON-K3GN Datasheet
901Kb / 22P
1/32 DIN Digital Panel Meter
logo
FOTEK CONTROLS CO., LTD...
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com