Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8731A Datasheet (PDF) - Maxim Integrated Products

MAX8731A Datasheet PDF - Maxim Integrated Products
Part # MAX8731A
Download  MAX8731A Download
File Size   390.32 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SMBus Level 2 Battery Charger with Remote Sense

MAX8731A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8731A Datasheet PDF - Maxim Integrated Products

Part # MAX8731A
Download  MAX8731A Click to download

File Size   390.32 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SMBus Level 2 Battery Charger with Remote Sense

MAX8731A Datasheet (HTML) - Maxim Integrated Products


MAX8731A Product details

General Description
The MAX8731A is an SMBus™ programmable multichemistry battery charger. The MAX8731A uses a minimal command set to easily program the charge voltage, charge current, and adapter current limit.
The MAX8731A charges one to four Li+ series cells and delivers up to 8A charge current. The MAX8731A drives n-channel MOSFETs for improved efficiency and reduced cost. Low-offset current-sense amplifiers provide high accuracy with 10mΩ sense resistors.
The MAX8731A current-sense amplifiers provide high accuracy (3% at 3.5A) and also provide fast cycle-by cycle current-mode control to protect against battery short circuit and system load transients.
The charger employs dual remote sense, which reduces charge time by measuring the feedback voltage directly at the battery, improving accuracy of initial transition into constant-voltage mode. The MAX8731A provides 0.5% battery voltage accuracy directly at the battery terminal.
The MAX8731A provides a digital output that indicates the presence of the AC adapter, as well as an analog output that indicates the adapter current within 4% accuracy.
The MAX8731A is available in a small 5mm x 5mm, 28-pin, thin (0.8mm) QFN package. An evaluation kit is available to reduce design time. The MAX8731A is available in a lead-free package.

Features
♦ 0.5% Battery Voltage Accuracy
♦ 3% Input Current-Limit Accuracy
♦ 3% Charge-Current Accuracy
♦ SMBus 2-Wire Serial Interface
♦ Cycle-by-Cycle Current Limit
   Battery Short-Circuit Protection
   Fast Response for Pulse Charging
   Fast System-Load-Transient Response
♦ Dual-Remote-Sense Inputs
♦ Monitor Outputs for
   Adapter Current (4% Accuracy)
   AC Adapter Detection
♦ 11-Bit Battery Voltage Setting
♦ 6-Bit Charge-Current/Input-Current Setting
♦ 8A (max) Battery Charger Current
♦ 11A (max) Input Current
♦ +8V to +26V Input Voltage Range
♦ Charges Li+, NiMH, and NiCd Battery Chemistries

Applications
   Notebook Computers
   Tablet PCs
   Medical Devices
   Portable Equipment with Rechargeable Batteries




Similar Part No. - MAX8731A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
MAX8731ETI+ MAXIM-MAX8731ETI+ Datasheet
325Kb / 32P
SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
More results


Similar Description - MAX8731A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
SMBus Level 2 Battery Charger
January 7, 2009
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
SMBus Level 2 Battery Charger
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
SMBus Level 2 Battery Charger
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com