Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7820 Datasheet (PDF) - Texas Instruments

AMC7820 Datasheet PDF - Texas Instruments
Part # AMC7820
Download  AMC7820 Download
File Size   546.39 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ANALOG MONITORING AND CONTROL

AMC7820 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7820 Datasheet PDF - Texas Instruments

Part # AMC7820
Download  AMC7820 Click to download

File Size   546.39 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ANALOG MONITORING AND CONTROL

AMC7820 Datasheet (HTML) - Texas Instruments


AMC7820 Product details

FEATURES
100kHz SAMPLING RATE 12-BIT ADC
8 ANALOG INPUT CHANNELS
THREE 12-BIT DACS
NINE OPERATIONAL AMPLIFIERS
THERMISTOR CURRENT SOURCE
INTERNAL 2.5V REFERENCE
SPI SERIAL INTERFACE
3V LOGIC COMPATIBLE
SINGLE +5V SUPPLY
LOW POWER: 40mW
TQFP-48 PACKAGE

APPLICATIONS
CW LASER AND PUMP LASER CURRENT
CONTROL IN DWDM
TEC COOLER CURRENT CONTROL IN DWDM
OPTICAL POWER MONITORING
TUNABLE LASER

DESCRIPTION
The AMC7820 is a complete analog monitoring and control
circuit that includes an 8-channel, 12-bit Analog-to-Digital
Converter (ADC), three 12-bit Digital-to-Analog Converters
(DACs), nine operational amplifiers, a thermistor current source,
an internal +2.5V reference, and an SPI™ serial interface.
External reference may be applied. Typical power dissipation
is 40mW. For the ADC, the unbuffered analog input range is
0V to +5.0V, and the buffered analog common-mode input
range is 0V to +3.8V. For the DACs, the analog output range
is 0V to +2.5V or 0V to +5.0V.
The AMC7820 is ideal for multichannel applications where
low power and small size are critical. The AMC7820 is
available in a TQFP-48 package and is fully specified and
tested over the –40°C to +85°C temperature range.
SPI is a trademark of Motorola.




Similar Part No. - AMC7820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
AMC7820 TI1-AMC7820 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
AMC7820Y TI-AMC7820Y Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
AMC7820Y/250 TI1-AMC7820Y/250 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
AMC7820Y/250G4 TI1-AMC7820Y/250G4 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
More results


Similar Description - AMC7820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com