Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ29311 Datasheet (PDF) - Texas Instruments

BQ29311 Datasheet PDF - Texas Instruments
Part # BQ29311
Download  BQ29311 Download
File Size   618.21 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311

BQ29311 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ29311 Datasheet PDF - Texas Instruments

Part # BQ29311
Download  BQ29311 Click to download

File Size   618.21 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311

BQ29311 Datasheet (HTML) - Texas Instruments


BQ29311 Product details

FEATURES
Provides Accurate Measurement of Available
Charge in Li-Ion and Li-Polymer Batteries
Supports the Smart Battery Specification
(SBS) V1.1
Integrated Time Base Removes Need for
External Crystal
Works With the TI bq29311 Analog Front-End
(AFE) Protection IC to Provide Complete Pack
Electronics for 10.8-V or 14.4-V Battery Packs
With Few External Components
Based on a Powerful Low-Power RISC CPU
Core With High-Performance Peripherals
Integrated Flash Memory Eliminates the Need
for External Configuration EEPROM
Measures Charge Flow Using a High
Resolution 16-Bit Integrating Converter
− Better Than 3-nVh of Resolution
− Self-Calibrating
− Offset Error Less Than 1 μV
Uses 16-Bit Delta Sigma Converter for
Accurate Voltage and Temperature
Measurements
Programmable Cell Modeling for Maximum
Battery Fuel Gauge Accuracy
Drives 3-, 4-, or 5-Segment LED Display for
Remaining Capacity Indication
38-Pin TSSOP (DBT)

APPLICATIONS
Notebook PCs
Medical and Test Equipment
Portable Instrumentation

DESCRIPTION
The bq2085−V1P3 SBS-compliant gas gauge IC for
battery pack or in-system installation maintains an
accurate record of available charge in Li-ion or Li-polymer
batteries. The bq2085−V1P3 monitors capacity and other
critical parameters of the battery pack and reports the
information to the system host controller over a serial
communication bus. It is designed to work with the
bq29311 analog front-end (AFE) protection IC to maximize
functionality and safety and minimize component count
and cost in smart battery circuits. Using information from
the bq2085−V1P3, the host controller can manage
remaining battery power to extend the system run time as
much as possible.




Similar Part No. - BQ29311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29311 TI1-BQ29311 Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29311 TI2-BQ29311 Datasheet
487Kb / 25P
THREE- AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION IC
REVISED NOVEMBER 2003
BQ29311PW TI-BQ29311PW Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29311PW TI1-BQ29311PW Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
More results


Similar Description - BQ29311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2085 TI-BQ2085 Datasheet
822Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2083 TI1-BQ2083 Datasheet
477Kb / 55P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com